Electronic Components Datasheet Search
  English  ▼

X  

RE46C166TSW Datasheet(PDF) 9 Page - Microchip Technology

Part # RE46C166TSW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C166TSW Datasheet(HTML) 9 Page - Microchip Technology

Back Button RE46C166TSW Datasheet HTML 5Page - Microchip Technology RE46C166TSW Datasheet HTML 6Page - Microchip Technology RE46C166TSW Datasheet HTML 7Page - Microchip Technology RE46C166TSW Datasheet HTML 8Page - Microchip Technology RE46C166TSW Datasheet HTML 9Page - Microchip Technology RE46C166TSW Datasheet HTML 10Page - Microchip Technology RE46C166TSW Datasheet HTML 11Page - Microchip Technology RE46C166TSW Datasheet HTML 12Page - Microchip Technology RE46C166TSW Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 9
RE46C165/6/7/8
Low Battery
Horn Off Time
THOF3
8, 9
38
43
47
s
4095
Low battery, no alarm
Low Battery
or Chamber Fail
Period
THPER2
8, 9
38
43
47
s
4096
Low battery, no alarm
Chamber Fail
Horn Off Time
THOF4
8, 9
291
323
355
ms
31
Failed chamber, no alarm
Chamber Fail
Pause Off Time
THOF5
8, 9
38
42
46
s
4031
Failed chamber, no alarm
Push-to-Test Alarm
Memory Off Time
THOF6
8, 9
216
240
264
ms
23
Alarm memory active,
push-to-test
Push-to-Test Alarm
Memory Period
THPER3
8, 9
225
250
275
ms
24
Alarm memory active,
push-to-test
Interconnect Signal Operation (I/O)
I/O Active Delay
TIODLY1
7
0.0
0.0
0.0
s
0
Local alarm start to I/O active
Remote Alarm Delay
TIODLY2
7
0.74
0.99
1.27
s
95
RE46C165/7 only
No local alarm,
I/O active to alarm
7
0.37
0.57
0.81
s
55
RE46C166/8 only
No local alarm,
I/O active to alarm
I/O Charge
Dump Duration
TIODMP
7
0.89
0.99
1.09
s
95
RE46C165/7 only
At conclusion of local alarm
or test
7
1.19
1.32
1.46
s
127
RE46C166/8 only
At conclusion of local alarm
or test
I/O Filter
TIOFILT
7
—
—
0.30
s
32
Maximum I/O pulse width filtered
Hush Timer Operation
Hush Timer Period
TTPER
—
8.1
9.0
9.9
Min
51712
RE46C165/6 only
No alarm condition
—
1.1
1.2
1.4
Min
7232
RE46C167/8 only
No alarm condition
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
AC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to 75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V.
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Clocks
Conditions
Note 1:
TPOSC and TIRON are 100% production tested. All other timing is verified by functional testing.
2:
See timing diagram for Horn Temporal Pattern in Figure 3-2.
3:
See timing diagram for Horn Continuous Pattern in Figure 3-3.
4:
During Timer mode, the LED Period is 10.5 seconds. The LED period will return to 43 seconds at the
conclusion of the Timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com