Electronic Components Datasheet Search
  English  ▼

X  

RE46C166TSW Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C166TSW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C166TSW Datasheet(HTML) 1 Page - Microchip Technology

  RE46C166TSW Datasheet HTML 1Page - Microchip Technology RE46C166TSW Datasheet HTML 2Page - Microchip Technology RE46C166TSW Datasheet HTML 3Page - Microchip Technology RE46C166TSW Datasheet HTML 4Page - Microchip Technology RE46C166TSW Datasheet HTML 5Page - Microchip Technology RE46C166TSW Datasheet HTML 6Page - Microchip Technology RE46C166TSW Datasheet HTML 7Page - Microchip Technology RE46C166TSW Datasheet HTML 8Page - Microchip Technology RE46C166TSW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 1
RE46C165/6/7/8
Features
• Temporal Horn Pattern or Continuous Tone
• Alarm Memory
• Sensitivity Control Times:
- 9 minutes (RE46C165/6)
- 1.2 minutes (RE46C167/8)
• I/O Filter and Charge Dump
• Interconnect up to 40 Detectors
• Internal Power-on Reset
• >2000V ESD Protection (HBM) on All Pins
• Low Quiescent Current Consumption (<8 µA)
• Internal Low Battery Detection and Chamber Test
• RoHS Compliant Lead-Free Packaging
Description
The RE46C165/6/7/8 devices are low-power, CMOS
photoelectric type, smoke detector ICs. With minimal
external components, these circuits will provide all the
required features for a photoelectric type smoke
detector.
Each design incorporates a gain selectable photo
amplifier for use with an infrared emitter/detector pair.
An internal oscillator strobes power to the smoke
detection circuitry for 100 µs every 10 seconds to keep
standby current to a minimum. If smoke is sensed, the
detection rate is increased to verify an alarm condition.
A high gain mode is available for push button chamber
testing.
A check for a low battery condition and chamber
integrity is performed every 43 seconds when in
standby. The temporal horn pattern supports the
NFPA 72 emergency evacuation signal.
An interconnect pin allows multiple detectors to be
connected so when one unit alarms, all units will sound.
A charge dump feature will quickly discharge the
interconnect line when exiting a local alarm. The
interconnect input is also digitally filtered.
An internal timer allows for single button, push-to-test
to be used for a reduced sensitivity mode.
An alarm memory feature allows the user to determine
if the unit has previously entered a local alarm
condition.
Utilizing
low-power
CMOS
technology,
the
RE46C165/6/7/8 was designed for use in smoke
detectors that comply with Underwriters Laboratory
Specification UL217 and UL268.
CMOS Photoelectric Smoke Detector ASIC
with Interconnect, Timer Mode and Alarm Memory


Similar Part No. - RE46C166TSW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C166 MICROCHIP-RE46C166 Datasheet
563Kb / 30P
Alarm Memory
07/14/15
More results

Similar Description - RE46C166TSW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com