Electronic Components Datasheet Search
  English  ▼

X  

RE46C166TSW Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C166TSW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C166TSW Datasheet(HTML) 2 Page - Microchip Technology

  RE46C166TSW Datasheet HTML 1Page - Microchip Technology RE46C166TSW Datasheet HTML 2Page - Microchip Technology RE46C166TSW Datasheet HTML 3Page - Microchip Technology RE46C166TSW Datasheet HTML 4Page - Microchip Technology RE46C166TSW Datasheet HTML 5Page - Microchip Technology RE46C166TSW Datasheet HTML 6Page - Microchip Technology RE46C166TSW Datasheet HTML 7Page - Microchip Technology RE46C166TSW Datasheet HTML 8Page - Microchip Technology RE46C166TSW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
RE46C165/6/7/8
DS22251A-page 2
 2010 Microchip Technology Inc.
Package Types
Functional Block Diagram
RE46C165/6/7/8
PDIP, SOIC
C1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C2
DETECT
STROBE
VDD
IRED
IO
HORNB
TEST
VSEN
VSS
ROSC
COSC
LED
FEED
HORNS
Logic
and
Timing
Bias and
Power
Reset
Oscillator
+
-
+
-
VDD (5)
VSEN (15)
C1 (1)
DETECT (3)
C2 (2)
TEST (16)
R2
124K
R1
276K
IO (7)
FEED (10)
HS (9)
LED (11)
IRED (6)
ROSC (13)
COSC (12)
HB (8)
+
-
STROBE (4)
VDD – 5V
VDD – 3.5V
Photoamp
VSS (14)
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com