Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7221R Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7221R Datasheet(HTML) 3 Page - International Rectifier

  AUIPS7221R Datasheet HTML 1Page - International Rectifier AUIPS7221R Datasheet HTML 2Page - International Rectifier AUIPS7221R Datasheet HTML 3Page - International Rectifier AUIPS7221R Datasheet HTML 4Page - International Rectifier AUIPS7221R Datasheet HTML 5Page - International Rectifier AUIPS7221R Datasheet HTML 6Page - International Rectifier AUIPS7221R Datasheet HTML 7Page - International Rectifier AUIPS7221R Datasheet HTML 8Page - International Rectifier AUIPS7221R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS7221R
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..60V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Gnd-3 Vcc+0.3
Voffset
Maximum logic ground to load ground offset
Vcc-65 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
65
V
I in max.
Maximum input current
-3
10
mA
Maximum power dissipation (internally limited by thermal protection)
Pd
Rth=50°C/W 1”sqrt. footprint
2.5
W
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient
50
Rth2
Thermal resistance junction to case
1.2
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
2.7
5.5
VIL
Low level input voltage
0
0.9
V
Rin
Recommended resistor in series with IN pin
2(1)
10(2)
Rdg
Recommended resistor in series with dg pin
2(1)
10(2)
k
F max.
Max. switching frequency
100
kHz
Cboot
Bootstrap capacitor
30
50
nF
(1) limited by the maximum input current
(2) limited by the input capacitor
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com