Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7221R Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7221R Datasheet(HTML) 4 Page - International Rectifier

  AUIPS7221R Datasheet HTML 1Page - International Rectifier AUIPS7221R Datasheet HTML 2Page - International Rectifier AUIPS7221R Datasheet HTML 3Page - International Rectifier AUIPS7221R Datasheet HTML 4Page - International Rectifier AUIPS7221R Datasheet HTML 5Page - International Rectifier AUIPS7221R Datasheet HTML 6Page - International Rectifier AUIPS7221R Datasheet HTML 7Page - International Rectifier AUIPS7221R Datasheet HTML 8Page - International Rectifier AUIPS7221R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AUIPS7221R
Static Electrical Characteristics
Tj=-40..150°C, Vcc=6..60V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
30
35
Vin=5V, Iout=5A
Rds(on)
ON state resistance Tj=150°C
50
70
m
Vin=5V, Iout=5A
Vcc op.
Operating voltage range with short circuit
protection
6
60
V
Icc Off
Supply current when Sleep mode
0.2
5
Iout Off
Output leakage current
0.2
5
µA
During sleep mode
Vin=0V, Vout=0V
Tj=25°C, Vcc=28V
Icc On
Supply current when On
4
10
mA
Vin=5V
Tj=25°C, Vcc=28V
Iout On
Output current when Off
10
mA
Vin=0V
Tj=25°C, Vcc=28V
Vih
Input high threshold voltage
1.9
2.2
Vil
Input low threshold voltage
1
1.6
In hyst.
Input hysteresis
0.1
0.3
0.5
V
I in, on
Input current when the part is on
15
30
µA
Vin=5V
Vin, off
Input voltage when the part is in fault mode
0.1
0.4
V
I in=5mA
Switching Electrical Characteristics
Vcc=28V, Resistive load=2
, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn-on delay time to 20%
0.9
tr
Rise time from 20% to 80% of Vcc
0.3
tdoff
Turn-off delay time to 80%
1.2
tf
Fall time from 80% to 20% of Vcc
0.1
µs
Protection Characteristics
Tj=-40..150°C, Vcc=6..60V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Isd
Over current shutdown
25
30
45
A
Vout=0V
Tsd
Over temperature threshold
150(3)
165
°C
UV H
Under voltage during turn on
5
6
UV L
Under voltage during turn off
4
5
V
Tdiag
Diagnostic time
10
see figure 1
Tsleep
Time to enter in sleep mode
7
15
30
see figure 2
Treset
Time to enter in sleep mode and reset the
fault
5
ms
see figure 1
Twkp
Time to leave the sleep mode
0.05
0.5
Tpw on rst
Power on reset duration
4
8
12
µs
Rin=4k7
see figure 2 & 3
(3) Guaranteed by design
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com