Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7221R Datasheet(PDF) 6 Page - International Rectifier

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7221R Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIPS7221R Datasheet HTML 2Page - International Rectifier AUIPS7221R Datasheet HTML 3Page - International Rectifier AUIPS7221R Datasheet HTML 4Page - International Rectifier AUIPS7221R Datasheet HTML 5Page - International Rectifier AUIPS7221R Datasheet HTML 6Page - International Rectifier AUIPS7221R Datasheet HTML 7Page - International Rectifier AUIPS7221R Datasheet HTML 8Page - International Rectifier AUIPS7221R Datasheet HTML 9Page - International Rectifier AUIPS7221R Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AUIPS7221R
Sleep_mode / Diagnostic
Sleep_mode block manages the diagnostic and the sleep_mode. The device enters in sleep mode if input is inactive
during a delay higher than Tsleep.
IN
diag
internal
diag
out
Tdiag
Tdiag
sleep mode
Fault mode
Normal mode
Treset
Tsleep
Figure 1
Bootstrap
The AUIPS7221 integrates a bootstrap regulator to maintain a fixed voltage on the bootstrap capacitor for any battery
voltage. The regulator is off during the sleep mode to reduce the current consumption.
Cboot
Vcc
Out
6V
8mA
Load
The 8mA current source flows permanently on the output when the output is off and the part is not in sleep mode. In case
of an open load condition, the output voltage will be at Vcc-6V.
Wake up sequence
To wake up the part from the sleep mode, the input must be activated at least during Twkp, then the boostrap regulator is
switched on and the boostrap capacitor is charged. The output will be not activated during Tpw on rst.
www.irf.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com