Electronic Components Datasheet Search
  English  ▼

X  

EMP216 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMP216
Description  6 - 18 GHz 2 Watt Power Amplifier MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP216 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMP216 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 4Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 5Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMP216
6 - 18 GHz 2 Watt Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 1 of 5
Phone: 408-737-1711 Fax: 408-737-1868 Web:
Dimension: 5330um X 3080um
Thickness: 85um ± 15um
FEATURES
•
6 - 18 GHz Operating Frequency Range
•
33 dBm Output Power at 1dB Compression
•
20.0 dB Typical Small Signal Gain
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
•
Test systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25°C, 50 ohm, VDD=8V, IDQ=1250mA)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
6
18
GHz
P1dB
Output Power at 1dB Gain Compression
31
33
dBm
GSS
Small Signal Gain
17
20
dB
G∆
Small Signal Gain Flatness
±1.2
dB
ID1dB
Supply current at 1dB Gain Compression
1400
mA
PAE
Power Added Efficiency at 1dB Gain Compression
20
%
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 21.5dBm
-43.0
dBc
-8
-5
dB
Input RL
Input Return Loss 6GHz – 8GHz
8GHz – 18GHz
-12
-8
dB
Output RL
Output Return Loss
-15
-10
dB
IDSS
Saturated Drain Current
VDD=3V, VGG=0V
2500
mA
RTH
Thermal Resistance (Au-Sn Eutectic Attach)
5.5
oC/W
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION1
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
8V
VGS
Gate to Source Voltage
- 4V
IDD
Drain Current
Idss
IGSF
Forward Gate Current
70 mA
PIN
Input Power
@ 3dB compression
TCH
Channel Temperature
175°C
TSTG
Storage Temperature
-65/175°C
PT
Total Power Dissipation
22W
1. Operating the device beyond any of the above rating may result in permanent damage.
www.excelics.com
Revision 03


Similar Part No. - EMP216

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MAAF-70E EMLSI-EMP216MAAF-70E Datasheet
471Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
2Mx16 Pseudo Static RAM
EMP216MAAW-70E EMLSI-EMP216MAAW-70E Datasheet
388Kb / 10P
2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
2Mx16 Pseudo Static RAM
More results

Similar Description - EMP216

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
29-31 GHZ 2 Watt Power Amplifier MMIC
RMPA61810 FAIRCHILD-RMPA61810 Datasheet
550Kb / 6P
Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
TriQuint Semiconductor
TGA2501-GSG TRIQUINT-TGA2501-GSG Datasheet
380Kb / 11P
2.8 Watt 6-18 GHz Power Amplifier
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com