Electronic Components Datasheet Search
  English  ▼

X  

EMP216 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP216
Description  6 - 18 GHz 2 Watt Power Amplifier MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP216 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP216 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 4Page - Excelics Semiconductor, Inc. EMP216 Datasheet HTML 5Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMP216
6 - 18 GHz 2 Watt Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Page 2 of 5
Phone: 408-737-1711 Fax: 408-737-1868 Web:
Typical Performance Characteristics
All data measured at 8V, IDQ=1250mA bias, 25°C unless otherwise noted.
Output Power at 1dB gain compression over temperature
30
31
32
33
34
35
6
8
10
12
14
16
18
Frequency, GHz
-40C
+25C
+80C
Gain over Temperature
15
16
17
18
19
20
21
22
23
24
6
8
10
12
14
16
18
Frequency, GHz
-40C
+25C
+80C
Output Power at 1dB and 2dB gain compression
30
31
32
33
34
35
6
8
10
12
14
16
18
Frequency, GHz
P1dB
P2dB
PAE at 1dB and 2dB gain compression
0
5
10
15
20
25
6
8
10
12
14
16
18
Frequency, GHz
PAE1dB
PAE2dB
Output Power at 1dB gain compression vs Vdd, Iq = 1250mA
28
29
30
31
32
33
34
6
8
10
12
14
16
18
Freuquency, GHz
8V
7V
6V
5V
Gain vs Vdd, Iq = 1250mA
19
20
21
22
23
24
25
6
8
10
12
14
16
18
Frequency, GHz
8V
7V
6V
5V
www.excelics.com
Revision 03



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com