Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3070EUFD Datasheet HTML 3Page - Linear Technology LT3070EUFD Datasheet HTML 4Page - Linear Technology LT3070EUFD Datasheet HTML 5Page - Linear Technology LT3070EUFD Datasheet HTML 6Page - Linear Technology LT3070EUFD Datasheet HTML 7Page - Linear Technology LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology LT3070EUFD Datasheet HTML 10Page - Linear Technology LT3070EUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3070

3070fa
typicAl perFormAnce chArActeristics
BIAS Pin Current in Nap Mode
BIAS Pin Current vs IOUT
GND Pin Current vs IOUT
REF/BYP Pin Voltage
vs Temperature
BIAS Pin Undervoltage Lockout
Threshold
Output Voltage (1.8V)
vs Temperature
TEMPERATURE (°C)
–75
1.782
1.786
1.794
1.798
1.802
75 100 125 150
1.818
3070 G10
1.790
–50 –25 0 25 50
175
1.806
1.810
1.814
ILOAD = 10mA
OUTPUT CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
3
4
3070 G11
5
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 1.2V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VIN = VOUT + 300mV
TJ = 25°C
TEMPERATURE (°C)
594
598
602
606
596
600
604
–25
25
75
125
3070 G12
175
–50
–75
0
50
100
150
CREF/BYP = 0.01µF
TEMPERATURE (°C)
–75
400
350
300
250
200
150
100
50
0
125
3070 G13
–25
25
75
175
100
–50
0
50
150
VBIAS = 2.5V
VEN = 0V
OUTPUT CURRENT (A)
0
6
8
10
4
3070 G14
4
2
5
7
9
3
1
0
1
2
3
5
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 2.5V
VIN = VOUT + 300mV
TJ = 25°C
TEMPERATURE (°C)
–75
1.5
2.0
2.5
125
3070 G15
1.0
0.5
0
–50 –25 0 25 50 75 100
150 175
VBIAS RISING
VBIAS FALLING
EN Pin Thresholds
PWRGD Threshold Voltage
PWRGD VOL vs Temperature
TEMPERATURE (°C)
–75
1.2
1.6
2.0
125
3070 G16
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
–25
–50
25
0
75 100
150
50
175
VBIAS = 2.5V
EN PIN RISING
EN PIN FALLING
TEMPERATURE (°C)
–75
0.90
0.95
125
3070 G17
0.85
0.80
–25
25 50
175
1.00
VOUT FALLING
75
–50
0
150
100
VBIAS = 2.5V
VOUT = 1V
VOUT RISING
TEMPERATURE (°C)
–75
60
80
100
125
3070 G50
40
20
0
–25
25
75
–50
0
50
100
150
VBIAS = 2.5V
IPWRGD = 200µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com