Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFD Datasheet(PDF) 25 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3070EUFD Datasheet HTML 20Page - Linear Technology LT3070EUFD Datasheet HTML 21Page - Linear Technology LT3070EUFD Datasheet HTML 22Page - Linear Technology LT3070EUFD Datasheet HTML 23Page - Linear Technology LT3070EUFD Datasheet HTML 24Page - Linear Technology LT3070EUFD Datasheet HTML 25Page - Linear Technology LT3070EUFD Datasheet HTML 26Page - Linear Technology LT3070EUFD Datasheet HTML 27Page - Linear Technology LT3070EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LT3070

3070fa
typicAl ApplicAtions
Figure 9. Triple Output Supply Providing 1V, 8A and 1.8V, 5A and 1.5V, 3A
BIAS
50k
LT3070
EN
IN
VO2
VO0
2.2µF
2.2µF
47µF
47µF
VBUCK1 1.3V/8A
VBUCK2 2.1V/8A
1nF
2.2µF*
0.01µF
4.7µF*
10µF*
PWRGD
VIN
3.3V
VIN
3.3V
VIN
3.3V
VIN
3.3V
VOUT
1V
4A
VO1
MARGTOL
MARGSEL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
BIAS
LT3070
EN
IN
VO2
VO0
2.2µF*
0.01µF
1nF
4.7µF*
10µF*
VOUT
1V
4A
VO1
MARGTOL
MARGSEL
NC
NC
NC
NC
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
VIN1
SVIN1
RUN1
PLLLPF1
MODE1
PHMODE1
TRACK1
VIN2
SVIN2
RUN2
PLLLPF2
MODE2
PHMODE2
TRACK2
VOUT1
MGN1
FB1
ITH1
ITHM1
BSEL1
PGOOD1
VOUT2
MGN2
FB2
ITH2
ITHM2
BSEL2
PGOOD2
CLKIN2
CLKOUT1
CLKIN1
SW1
CLKOUT2
NC
NC
NC
NC
NC
NC
SGND2
GND1
SGND1
SW2
GND2
LTM4616
100µF
6.3V
X5R
100µF
6.3V
X5R
10µF
VIN
3.3V
10µF
NOTE: THE TWO LTM4616 MODULE CHANNELS ARE
INDEPENDENTLY CONTROLLED BY THE VIOC
CONTROLS FROM THE LINEAR REGULATORS
4.7nF
47µF
2k
RTRACE
2.5m
CONTROLLED
P.O.L. 1
P.O.L. 2
RTRACE
2.5m
CONTROLLED
10k
20k
20k
10k
4.7nF
2k
1nF
POWER
PLANE
1V/7A
2.2µF
BIAS
LT3070
EN
IN
VO2
VO0
2.2µF*
0.01µF
0.01µF
4.7µF*
10µF*
VOUT
1.8V
5A
VOUT
1.5V
3A
VO1
MARGTOL
MARGSEL
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
2.2µF
47µF
BIAS
LT3070
EN
IN
VO2
VO0
2.2µF*
3070 F09
1nF
4.7µF*
10µF*
*X5R OR X7R CAPACITORS
*X5R OR X7R CAPACITORS
*X5R OR X7R CAPACITORS
*X5R OR X7R CAPACITORS
VO1
MARGTOL
MARGSEL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com