Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 1 Page - Linear Technology

  LT3070EUFD Datasheet HTML 1Page - Linear Technology LT3070EUFD Datasheet HTML 2Page - Linear Technology LT3070EUFD Datasheet HTML 3Page - Linear Technology LT3070EUFD Datasheet HTML 4Page - Linear Technology LT3070EUFD Datasheet HTML 5Page - Linear Technology LT3070EUFD Datasheet HTML 6Page - Linear Technology LT3070EUFD Datasheet HTML 7Page - Linear Technology LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3070

3070fa
ApplicAtions
n
FPGAandDSPSupplies
n
ASICandMicroprocessorSupplies
n
ServersandStorageDevices
n
PostBuckRegulationandSupplyIsolation
typicAl ApplicAtion
Description
5A, Low Noise,
Programmable Output,
85mV Dropout
Linear Regulator
TheLT®3070isalowvoltage,UltraFast™transientre-
sponselinearregulator.Thedevicesuppliesupto5Aof
outputcurrentwithatypicaldropoutvoltageof85mV.
A 0.01µF reference bypass capacitor decreases output
voltagenoiseto25µVRMS.TheLT3070’shighbandwidth
permitstheuseoflowESRceramiccapacitors,saving
bulkcapacitanceandcost.TheLT3070’sfeaturesmake
itidealforhighperformanceFPGAs,microprocessorsor
sensitivecommunicationsupplyapplications.
Outputvoltageisdigitallyselectablein50mVincrements
overa0.8Vto1.8Vrange.Amarginingfunctionallows
theusertoadjustsystemoutputvoltageinincrementsof
±1%,±3%or±5%.TheICincorporatesauniquetracking
functiontocontrolabuckregulatorpoweringtheLT3070’s
input.Thistrackingfunctiondrivesthebuckregulatorto
maintain the LT3070’s input voltage to VOUT+300mV,
minimizingpowerdissipation.
InternalprotectionincludesUVLO,reverse-currentprotec-
tion,precisioncurrentlimitingwithpowerfoldbackand
thermalshutdown.TheLT3070regulatorisavailableina
thermallyenhanced28-lead,4mm
×5mmQFNpackage.
0.9V, 5A Regulator
FeAtures
n
Output Current: 5A
n
Dropout Voltage: 85mV Typical
n
Digitally Programmable VOUT: 0.8V to 1.8V
n
Digital Output Margining: ±1%, ±3% or ±5%
n
Low Output Noise: 25µVRMS (10Hz to 100kHz)
n
Parallel Multiple Devices for 10A or More
n
Precision Current Limit: ±20%
n
±1%AccuracyOverLine,LoadandTemperature
n
StablewithLowESRCeramicOutputCapacitors
(15µFMinimum)
n
HighFrequencyPSRR:30dBat1MHz
n
EnableFunctionTurnsOutputOn/Off
n
VIOCPinControlsBuckConvertertoMaintainLow
PowerDissipationandOptimizeEfficiency
n
PWRGD/UVLO/ThermalShutdownFlag
n
CurrentLimitwithFoldbackProtection
n
ThermalShutdown
n
28-Lead(4mm
×5mm×0.75mm)QFNPackage
Dropout Voltage
BIAS
50k
LT3070
IN
EN
VO0
VO1
330µF
2.2µF
2.2µF*
0.01µF
1nF
4.7µF*
*X5R OR X7R CAPACITORS
3070 TA01a
10µF*
PWRGD
VOUT
0.9V
5A
VO2
MARGSEL
MARGTOL
VIOC
SENSE
OUT
VBIAS
2.2V TO 3.6V
VIN
1.2V
PWRGD
REF/BYP
GND
L
,LT,LTC,LTM,LinearTechnologyandtheLinearlogoareregisteredtrademarksand
UltraFastandVLDOaretrademarksofLinearTechnologyCorporation.Allothertrademarksare
thepropertyoftheirrespectiveowners.Patentspending.
OUTPUT CURRENT (A)
0
90
120
150
4
3070 TA01b
60
30
0
1
2
3
5
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 2.5V
VIN = VOUT(NOMINAL)


Similar Part No. - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070EUFD LINER-LT3070EUFD Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDPBF LINER-LT3070EUFDPBF Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTR LINER-LT3070EUFDTR Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTRPBF LINER-LT3070EUFDTRPBF Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
More results

Similar Description - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071 Datasheet
518Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com