Electronic Components Datasheet Search
  English  ▼

X  

DS32EL0421 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS32EL0421
Description  125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32EL0421 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DS32EL0421 Datasheet HTML 17Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 18Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 19Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 20Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 21Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 22Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 23Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 24Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Register Map
The register information for the serializer is shown in the table
below. Some registers have been omitted or marked as re-
served; these are for internal testing and should not be written
to. Some register bits require an override bit to be set before
they can be written to.
Addr
(Hex)
Name
Bits
Field
R/W
Default
Description
00
Device ID
7:1
SMBus Address
R/W
57'h
Some systems will use all 8 bits as the device ID. This
will shift the value from 57’h to AE’h
0
Reserved
0
01
Reset
7:5
Reserved
0
4
Analog Disable
R/W
0
1: Disables analog blocks. Power save feature
3:1
Reserved
0
0
Software Reset
0
1: Reset the device. Does not affect device ID.
02
GPIO0 Config
7:4
GPIO0 Mode
R/W
0
0000: GP out register
0001: Link loss indicator
0011: TxCLKIN loss of signal
0100: TxCLKIN detect
All others: Reserved
3:2
GPIO0 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: OutputTtri-State™
1: Output enabled
03
GPIO1 Config
7:4
GPIO1 Mode
R/W
0
0000: Power on reset
0001: GP out register
0010: PLL lock indicator
0011: TxIN0 loss of signal
0100: TxIN1 loss of signal
0101: TxIN2 loss of signal
0110: TxIN3 loss of signal
0111: TxIN4 loss of signal
All others: Reserverd
3:2
GPIO1 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: Output Tri-State™
1: Output enabled
04
GPIO2 Config
7:4
GPIO2 Mode
R/W
0
0000: GP out register
0001: Always on clock out
0010: Parallel-to-serial clock out
0100: Digital clock out
All others: Reserverd
3:2
GPIO2 R Enable
R/W
01'b
00: Pullup/down disabled
01: Pulldown enabled
10: Pullup enabled
11: Reserved
1
Input Enable
R/W
0
0: Input buffer disabled
1: Input buffer enabled
0
Output Enable
R/W
1'b
0: Output Tri-State™
1: Output enabled
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com