Electronic Components Datasheet Search
  English  ▼

X  

DS32EL0421 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS32EL0421
Description  125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32EL0421 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DS32EL0421 Datasheet HTML 9Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 10Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 11Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 12Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 13Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 14Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 15Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 16Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
30032115
FIGURE 7. Serializer State Diagram
SCRAMBLER and NRZI Encoder
The CDR of the DS32EL0124 and the DS32ELX0124 expect
a transition density of 20% for a period of 200
μs. If the scram-
bler and NRZI encoder are enabled, the raw or DC-balanced
serialized data is scrambled to improve transition density. The
scrambler accepts 20 bits of data and encodes it using the
polynomial X9 + X4 + 1. The data can then be sent to the NRZ-
to-NRZI converter before being output.
Enabling the scrambler can help to lower EMI emissions by
spreading the spectrum of the data. Scrambling also creates
transitions for the deserializer’s CDR to properly lock onto.
The scrambler and NRZI encoder are enabled or disabled by
default depending on how the DC_B and RS pins are config-
ured. To override the default scrambler setting two register
writes must be performed. First, write to register 22’h and set
bit 3 to unlock the scrambler register. Next write to register
21’h and change bit 4 to the desired value. The NRZI encoder
can be enabled or disabled independently of the scrambler by
controlling bit 7 of register 21'h and bit 4 of register 22'h.
CML OUTPUT DATA INTERFACING
The serial outputs provide low-skew differential signals. In-
ternal resistors connected from TxOUTn+ and TxOUTn- to
VDD25 terminate the outputs. The output level can be pro-
grammed by adjusting the pull-down resistor to the
VOD_CTRL pin. The output terminations can also be pro-
grammed to be either 50
Ω or 75 Ω.
The output buffer consists of a current mode logic (CML) driv-
er with user configurable de-emphasis control, which can be
used to optimize performance over a wide range of transmis-
sion line lengths and attenuation distortions resulting from low
cost CAT(-5, -6, -7) cable or FR–4 backplane. Output de-em-
phasis is user programmable through either device pins
DE_EMPH0 and DE_EMPH1 or SMBus interface. Users can
control the strength of the de-emphasis to optimize for a spe-
cific system environment. Please see the De-Emphasis Con-
trol Table for details.
De-Emphasis Control Table
DE_EMPH[1:0]
Output De-Emphasis Level
00'b
Off
01'b
Low
10'b
Medium
11'b
High
The DS32ELX0421 provides a secondary serial output, sup-
porting redundancy applications. The redundant output driver
can be enabled by setting TXOUT1_EN pin to HIGH or by
activating it through the SMBus reigsters.
DEVICE CONFIGURATION
There are four ways to configure the DS32EL0421 and
DS32ELX0421 serializers, these combinations are shown in
Table 1. Refer to Figure 7 to see how the combinations of the
RS and DC_B pins change the link startup behavior of the
serializers. When connecting to a deserializer other than the
DS32EL0124 or DS32ELX0124, Remote Sense should be
disabled. The scrambler and NRZI encoder shown in Table
1 can be enabled or disabled through register programming.
When Remote Sense is enabled, with RS pin tied low, the
serializer must be connected directly to a DS32EL0124 or
DS32ELX0124 deserializer without any active components
between them. The Remote Sense module features an up-
stream communication method for the serializer and deseri-
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com