Electronic Components Datasheet Search
  English  ▼

X  

DS32EL0421 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS32EL0421
Description  125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32EL0421 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS32EL0421 Datasheet HTML 3Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 4Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 5Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 6Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 7Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 8Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 9Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 10Page - National Semiconductor (TI) DS32EL0421 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LVCMOS Electrical Specifications
Over recommended operating supply and temperature ranges unless otherwise specified. Applies to GPIO0, GPIO1, GPIO2,
RESET, LOCK, RS, and DC_BAL. (Notes 3, 4, 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
High Level Input Voltage
2.0
V
DD
V
V
IL
Low Level Input Voltage
0
0.8
V
V
OH
High Level Output Voltage
I
OH = -2mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2mA
0.3
V
V
CL
Input Clamp Voltage
I
CL = -18mA
-0.79
-1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V, or VDD
-35
35
μA
I
OS
Output Short Circuit Current
V
OUT = 0V
(Note 6)
42
mA
SMBus Electrical Specifications
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 3, 4, 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
SIL
Data, Clock Input Low Voltage
0.8
V
V
SIH
Data, Clock Input High Voltage
2
V
SDD
V
V
SDD
Nominal Bus Voltage
2.375
3.6
V
i
SLEAKB
Input Leakage Per Bus Segment
±200
μA
C
SI
Capacitance for SDA and SCLK
(Notes 9, 10)
10
pF
SMBus Timing Specifications
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 3, 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
SMB
Bus Operating Frequency
10
100
kHz
t
BUF
Bus Free Time between Stop and Start Condition
4.7
μs
t
HD:STA
Hold time after (repeated) start condition. After this
period, the first clock is generated.
4.0
μs
t
SU:STA
Repeated Start Condition Setup Time
4.7
μs
t
SU:STO
Stop Condition Setup Time
4.0
μs
t
HD:DAT
Data Hold Time
300
ns
t
SU:DAT
Data Setup Time
250
ns
t
LOW
Clock Low Time
4.7
μs
t
HIGH
Clock High Time
4.0
50
μs
t
F
Clock/Data Fall Time
20% to 80%
300
ns
t
R
Clock/Data Rise Time
1000
ns
t
SU:CS
SMB_CS Setup Time
30
ns
t
POR
Time in which the device must be operation after
power on
(Note 8)
500
ms
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com