Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 21Page - Texas Instruments CDCE949 Datasheet HTML 22Page - Texas Instruments CDCE949 Datasheet HTML 23Page - Texas Instruments CDCE949 Datasheet HTML 24Page - Texas Instruments CDCE949 Datasheet HTML 25Page - Texas Instruments CDCE949 Datasheet HTML 26Page - Texas Instruments CDCE949 Datasheet HTML 27Page - Texas Instruments CDCE949 Datasheet HTML 28Page - Texas Instruments CDCE949 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ƒ
OUT +
ƒ
IN
Pdiv
N
M
ƒ
VCO + ƒIN
N
M
)
M
N
int(log
4
P
2
-
=
)
M
'
N
int(
Q =
Q
M
'
N
R
´
-
=
CDCE949
CDCEL949
www.ti.com
SCAS844D – AUGUST 2007 – REVISED MARCH 2010
PLL MULTIPLIER/DIVIDER DEFINITION
At a given input frequency (fIN), the output frequency (fOUT) of the CDCE949/CDCEL949 can be calculated by:
where
M (1 to 511) and N (1 to 4095) are the multiplier/divider values of the PLL;
Pdiv (1 to 127) is the output divider.
The target VCO frequency (fVCO) of each PLL can be calculated:
The PLL operates as fractional divider and needs following multiplier/divider settings
N
{if P < 0 then P = 0}
Where:
N' = N × 2P;
N
≥ M;
80 MHz < fVCO > 230 MHz;
16
≤ q ≤ 63;
0
≤ p ≤ 7;
0
≤ r ≤ 511.
Example 1: for fIN = 27 MHz; M = 1; N = 4; Pdiv = 2;
Example 2: for fIN = 27 MHz; M = 2; N = 11; Pdiv = 2;
→ fOUT = 54 MHz;
→ fOUT = 75.25 MHz;
→ fVCO = 108 MHz;
→ fVCO = 148.50 MHz;
→ P = 4 – int(log24) = 4 –2 = 2;
→ P = 4 – int(log25.5) = 4 – 2 = 2;
→ N’ = 4 × 22 = 16;
→ N’ = 11 × 22 = 44;
→ Q = int(16) = 16;
→ Q = int(22) = 22;
→ R = 16 – 16 = 0;
→ R = 44 – 44 = 0;
The values for P, Q, R and N’ are automatically calculated when using TI Pro Clock™ Software.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): CDCE949 CDCEL949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com