Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3080
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3080 Datasheet HTML 3Page - Linear Technology LT3080 Datasheet HTML 4Page - Linear Technology LT3080 Datasheet HTML 5Page - Linear Technology LT3080 Datasheet HTML 6Page - Linear Technology LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology LT3080 Datasheet HTML 10Page - Linear Technology LT3080 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3080
7
3080fb
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Noise
Error Amplifier Gain and Phase
FREQUENCY (Hz)
–30
–10
20
10k
100k
100
10
1k
1M
3080 G28
–20
0
10
–15
15
–25
–5
5
–200
0
300
–100
100
200
–50
250
–150
50
150
IL = 1.1A
IL = 100mA
IL = 100mA
IL = 1.1A
VOUT
100μV/DIV
TIME 1ms/DIV
3080 G26
VOUT = 1V
RSET = 100k
CSET = O.1μF
COUT = 10μF
ILOAD = 1.1A
VCONTROL (Pin 5/Pin 5/Pin 4/Pin 4/NA): This pin is the
supply pin for the control circuitry of the device. The cur-
rent flow into this pin is about 1.7% of the output current.
For the device to regulate, this voltage must be more than
1.2V to 1.35V greater than the output voltage (see dropout
specifications).
IN (Pins 7, 8/Pins 7, 8/Pin 5/Pin 5/Pin 3): This is the
collector to the power device of the LT3080. The output
load current is supplied through this pin. For the device
to regulate, the voltage at this pin must be more than
0.1V to 0.5V greater than the output voltage (see dropout
specifications).
NC (Pin 6/Pin 6/Pin 1/Pin 1/NA): No Connection. No con-
nect pins have no connection to internal circuitry and may
be tied to VIN, VCONTROL, VOUT, GND or floated.
OUT (Pins 1-3/Pins 1-3/Pin 3/Pin 3/Pin 2): This is the
power output of the device. There must be a minimum
load current of 1mA or the output may not regulate.
SET (Pin 4/Pin 4/Pin 2/Pin 2/Pin 1): This pin is the input
to the error amplifier and the regulation set point for
the device. A fixed current of 10μA flows out of this pin
through a single external resistor, which programs the
output voltage of the device. Output voltage range is zero
to the absolute maximum rated output voltage. Transient
performance can be improved by adding a small capacitor
from the SET pin to ground.
Exposed Pad (Pin 9/Pin 9/NA/NA/NA): OUT on MS8E and
DFN packages.
TAB: OUT on DD-Pak, TO-220 and SOT-223 packages.
PIN FUNCTIONS (DD/MS8E/Q/T/ST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com