Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3080
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 5 Page - Linear Technology

  LT3080 Datasheet HTML 1Page - Linear Technology LT3080 Datasheet HTML 2Page - Linear Technology LT3080 Datasheet HTML 3Page - Linear Technology LT3080 Datasheet HTML 4Page - Linear Technology LT3080 Datasheet HTML 5Page - Linear Technology LT3080 Datasheet HTML 6Page - Linear Technology LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3080
5
3080fb
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (μs)
0
–25
25
75
40
3080 G15
400
200
–50
0
50
300
100
0
10
5
20
15
30 35
45
25
50
VOUT = 1.5V
CSET = 0.1μF
VIN = VCONTROL = 3V
COUT = 10μF CERAMIC
COUT = 2.2μF CERAMIC
Dropout Voltage
(Minimum IN Voltage)
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Current Limit
Load Transient Response
TEMPERATURE (°C)
–50
200
300
150
3080 G10
100
0
0
50
100
–25
25
75
125
400
150
250
50
350
ILOAD = 1.1A
ILOAD = 500mA
ILOAD = 100mA
OUTPUT CURRENT (A)
0
0.6
0.8
1.0
0.6
1.0
3080 G11
0.4
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
1.2
TJ = 125°C
TJ = –50°C
TJ = 25°C
TEMPERATURE (°C)
–50
0.8
1.2
150
3080 G12
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
ILOAD = 1.1A
ILOAD = 1mA
Current Limit
TEMPERATURE (°C)
–50
0.8
1.2
150
3080 G13
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
VIN = 7V
VOUT = 0V
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
0.6
0.8
1.0
18
30
3080 G14
0.4
0.2
0
612
24
1.2
1.4
1.6
36*
SOT-223, DD-PAK
AND TO-220
MSOP
AND
DFN
TJ = 25°C
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
TIME (μs)
0
–50
50
150
40
3080 G16
1.2
0.6
–100
0
100
0.9
0.3
0
10
5
20
15
30 35
45
25
50
VIN = VCONTROL = 3V
VOUT = 1.5V
COUT = 10μF CERAMIC
CSET = 0.1μF
Load Transient Response
Line Transient Response
TIME (μs)
0
–25
25
75
80
3080 G17
6
4
–50
0
50
5
3
2
20
10
40
30
60 70
90
50
100
VOUT = 1.5V
ILOAD = 10mA
COUT = 2.2μF
CERAMIC
CSET = 0.1μF
CERAMIC
Turn-On Response
TIME (μs)
0
1
3
5
8
3080 G27
2.0
1.0
0
2
4
1.5
0.5
0
2
1
4
3
67
9
5
10
RSET = 100k
CSET = 0
RLOAD = 1Ω
COUT = 2.2μF CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com