Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3080
Description  Adjustable1.1A Single Resistor Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 2 Page - Linear Technology

  LT3080 Datasheet HTML 1Page - Linear Technology LT3080 Datasheet HTML 2Page - Linear Technology LT3080 Datasheet HTML 3Page - Linear Technology LT3080 Datasheet HTML 4Page - Linear Technology LT3080 Datasheet HTML 5Page - Linear Technology LT3080 Datasheet HTML 6Page - Linear Technology LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3080
2
3080fb
ABSOLUTE MAXIMUM RATINGS
VCONTROL Pin Voltage..................................... 40V, –0.3V
IN Pin Voltage ................................................ 40V, –0.3V
SET Pin Current (Note 7) .....................................±10mA
SET Pin Voltage (Relative to OUT) .........................±0.3V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)(All Voltages Relative to VOUT)
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
OUT
OUT
SET
IN
IN
NC
VCONTROL
TJMAX = 125°C, θJA = 64°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO PCB
1
2
3
4
OUT
OUT
OUT
SET
8
7
6
5
IN
IN
NC
VCONTROL
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
9
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO PCB
Q PACKAGE
5-LEAD PLASTIC DD-PAK
TAB IS
OUT
FRONT VIEW
IN
VCONTROL
OUT
SET
NC
5
4
3
2
1
TJMAX = 125°C, θJA = 30°C/W, θJC = 3°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
IN
VCONTROL
OUT
SET
NC
FRONT VIEW
5
4
3
2
1
TAB IS
OUT
TJMAX = 125°C, θJA = 40°C/W, θJC = 3°C/W
3
2
1
FRONT VIEW
TAB IS
OUT
IN*
OUT
SET
ST PACKAGE
3-LEAD PLASTIC SOT-223
*IN IS VCONTROL AND IN TIED TOGETHER
TJMAX = 125°C, θJA = 55°C/W, θJC = 15°C/W
Operating Junction Temperature Range
(Notes 2, 10).......................................... –40°C to 125°C
Storage Temperature Range:.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E, Q, T and ST Packages Only.................... 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3080EDD#PBF
LT3080EDD#TRPBF
LCBN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3080EMS8E#PBF
LT3080EMS8E#TRPBF
LTCBM
8-Lead Plastic MSOP
–40°C to 125°C
LT3080EQ#PBF
LT3080EQ#TRPBF
LT3080EQ
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3080ET#PBF
LT3080ET#TRPBF
LT3080ET
5-Lead Plastic TO-220
–40°C to 125°C
LT3080EST#PBF
LT3080EST#TRPBF
3080
3-Lead Plastic SOT-223
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3080EDD
LT3080EDD#TR
LCBN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3080EMS8E
LT3080EMS8E#TR
LTCBM
8-Lead Plastic MSOP
–40°C to 125°C
LT3080EQ
LT3080EQ#TR
LT3080EQ
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3080ET
LT3080ET#TR
LT3080ET
5-Lead Plastic TO-220
–40°C to 125°C
LT3080EST
LT3080EST#TR
3080
3-Lead Plastic SOT-223
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com