Electronic Components Datasheet Search
  English  ▼

X  

LT3581 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3581
Description  3.3A Boost/Inverting DC/DC Converter with Fault Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3581 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3581 Datasheet HTML 15Page - Linear Technology LT3581 Datasheet HTML 16Page - Linear Technology LT3581 Datasheet HTML 17Page - Linear Technology LT3581 Datasheet HTML 18Page - Linear Technology LT3581 Datasheet HTML 19Page - Linear Technology LT3581 Datasheet HTML 20Page - Linear Technology LT3581 Datasheet HTML 21Page - Linear Technology LT3581 Datasheet HTML 22Page - Linear Technology LT3581 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LT3581

3581f
ENABLE
1.5µH
1.5µH
6.8µF
4.7µF
4.7µF
2.2µF
100pF
SW1
SW2
GATE
FB
VC
SS
GND
SYNC
CLKOUT
VIN
RT
SHDN
FAULT
LT3581
SLAVE
SW1 SW2
GATE
CLKOUT
VC
SS
GND
SYNC
FB
VIN
RT
FAULT
SHDN
LT3581
MASTER
143k
VOUT
–12V
450mA
VIN
5V
VOUT
12V
830mA
10k
10.5k
2.2nF
0.1µF
0.1µF
130k
43.2k
56pF
1nF
43.2k
100k
10k
3581 F11
6.8µF
Figure 11. A Single Inductor Inverting Topology Is Synchronized
with a Boost Regulator to Generate –12V and 12V Outputs. The
External PMOS Helps Disconnect the Input from the Power Paths
During Fault Events
Also, the FAULT pins can be tied together so that a fault
condition from one LT3581 causes all of the LT3581s to
enter fault, until the fault condition disappears.
CHARGE PUMP AIDED REGULATORS
Designing charge pumps with the LT3581 can offer ef-
ficient solutions with fewer components than traditional
circuits because of the master/slave switch configuration
on the IC. Although the slave switch, SW2, operates in
phase with the master switch, SW1, it is only the current
through the master switch (SW1) that is sensed by the
current comparator (A4 in Block Diagram) as part of the
current feedback loop. This method of operation by the
master/slave switches can offer the following benefits to
charge pump designs:
applicaTions inForMaTion
Clock Synchronization
The operating frequency of the LT3581 can be set by an
external source by simply providing a digital clock signal
into the SYNC pin (RT resistor still required). The LT3581
will revert to its internal free-running oscillator clock (set
by the RT resistor) when the SYNC pin is driven below
0.4V for a few free-running clock periods.
Driving SYNC high for an extended period of time effec-
tively stops the operating clock and prevents latch SR1
from becoming set (see Block Diagram). As a result, the
switchingoperationoftheLT3581willstopandtheCLKOUT
pin will be held at ground.
The duty cycle of the SYNC signal must be between 20%
and 80% for proper operation. Also, the frequency of the
SYNC signal must meet the following two criteria:
(1) SYNC may not toggle outside the frequency range of
200kHz to 2.5MHz unless it is stopped low (below
0.4V) to enable the free-running oscillator.
(2) The SYNC frequency can always be higher than the
free-running oscillator frequency (as set by the RT
resistor), fOSC, but should not be less than 25%
below fOSC.
CLOCK SYNCHRONIzATION OF ADDITIONAL
REGULATORS
The CLKOUT pin of the LT3581 can be used to synchronize
one or more other compatible switching regulator ICs as
shown in Figure 11.
The frequency of the master LT3581 is set by the external
RT resistor. The SYNC pin of the slave LT3581 is driven
by the CLKOUT pin of the master LT3581. Note that the
RT pin of the slave LT3581 must have a resistor tied to
ground. It takes a few clock cycles for the CLKOUT signal
to begin oscillating, and it’s preferable for all LT3581s to
have the same internal free-running frequency. Therefore,
in general, use the same value RT resistor for all of the
synchronized LT3581s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com