Electronic Components Datasheet Search
  English  ▼

X  

LT3581 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3581
Description  3.3A Boost/Inverting DC/DC Converter with Fault Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3581 Datasheet(HTML) 2 Page - Linear Technology

  LT3581 Datasheet HTML 1Page - Linear Technology LT3581 Datasheet HTML 2Page - Linear Technology LT3581 Datasheet HTML 3Page - Linear Technology LT3581 Datasheet HTML 4Page - Linear Technology LT3581 Datasheet HTML 5Page - Linear Technology LT3581 Datasheet HTML 6Page - Linear Technology LT3581 Datasheet HTML 7Page - Linear Technology LT3581 Datasheet HTML 8Page - Linear Technology LT3581 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3581

3581f
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN Voltage.................................................–0.3V to 40V
SW1/SW2 Voltage ..................................... –0.4V to 42V
RT Voltage ................................................... –0.3V to 5V
SS, FB Voltage .......................................... –0.3V to 2.5V
VC Voltage....................................................–0.3V to 2V
SHDN Voltage ............................................ –0.3V to 40V
SYNC Voltage............................................ –0.3V to 5.5V
GATE Voltage ............................................. –0.3V to 80V
(Note 1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SYNC
SS
RT
SHDN
CLKOUT
SW2
SW2
FB
VC
GATE
FAULT
VIN
SW1
SW1
TOP VIEW
DE14 PACKAGE
14-PIN (4mm 3mm) PLASTIC DFN
15
GND
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
FB
VC
GATE
FAULT
VIN
SW1
SW1
SW1
16
15
14
13
12
11
10
9
SYNC
SS
RT
SHDN
CLKOUT
SW2
SW2
SW2
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3581EDE#PBF
LT3581EDE#TRPBF
3581
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3581IDE#PBF
LT3581IDE#TRPBF
3581
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3581EMSE#PBF
LT3581EMSE#TRPBF
3581
16-Lead Plastic MSOP
–40°C to 125°C
LT3581IMSE#PBF
LT3581IMSE#TRPBF
3581
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
FAULT Voltage............................................ –0.3V to 40V
FAULT Current.....................................................±500µA
CLKOUT Voltage .......................................... –0.3V to 3V
CLKOUT Current ......................................................1mA
Operating Junction Temperature Range
LT3581E (Notes 2, 4).........................–40°C to 125°C
LT3581I (Notes 2, 4)..........................–40°C to 125°C
Storage Temperature Range ..................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com