Electronic Components Datasheet Search
  English  ▼

X  

LT3581 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3581
Description  3.3A Boost/Inverting DC/DC Converter with Fault Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3581 Datasheet(HTML) 3 Page - Linear Technology

  LT3581 Datasheet HTML 1Page - Linear Technology LT3581 Datasheet HTML 2Page - Linear Technology LT3581 Datasheet HTML 3Page - Linear Technology LT3581 Datasheet HTML 4Page - Linear Technology LT3581 Datasheet HTML 5Page - Linear Technology LT3581 Datasheet HTML 6Page - Linear Technology LT3581 Datasheet HTML 7Page - Linear Technology LT3581 Datasheet HTML 8Page - Linear Technology LT3581 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LT3581

3581f
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.3
2.5
V
VIN Overvoltage Lockout
22.1
23.5
25
V
Positive Feedback Voltage
l
1.195
1.215
1.230
V
Negative Feedback Voltage
l
3
9
16
mV
Positive FB Pin Bias Current
VFB = Positive Feedback Voltage, Current into Pin
l
81
83.3
85
µA
Negative FB Pin Bias Current
VFB = Negative Feedback Voltage, Current out of Pin
l
81
83.3
85.5
µA
Error Amp Transconductance
ΔI = 10μA
270
µmhos
Error Amp Voltage Gain
70
V/V
Quiescent Current
Not Switching
1.9
2.3
mA
Quiescent Current in Shutdown
VSHDN = 0V
0
1
µA
Reference Line Regulation
2.5V ≤ VIN ≤ 20V
0.01
0.05
%/V
Switching Frequency, fOSC
RT = 34k
l
2.25
2.5
2.75
MHz
RT = 432k
l
180
200
220
kHz
Switching Frequency in Foldback
Compared to Normal fOSC
1/6
ratio
Switching Frequency Range
Free-Running or Synchronizing
l
200
2500
kHz
SYNC High Level for Synchronization
l
1.3
V
SYNC Low Level for Synchronization
l
0.4
V
SYNC Clock Pulse Duty Cycle
VSYNC = 0V to 2V
20
80
%
Recommended Minimum SYNC Ratio
fSYNC/fOSC
3/4
Minimum Off-Time
45
ns
Minimum On-Time
55
ns
SW1 Current Limit
At All Duty Cycles
l
1.9
2.4
3
A
Current Sharing (SW2/SW1)
78
%
SW1 + SW2 Current Limit
At All Duty Cycles, SW2/SW1 = 78% (Note 3)
l
3.3
4.3
5.4
A
Switch VCESAT
SW1 & SW2 Tied Together, ISW1 + ISW2 = 2.75A
250
mV
SW1 Leakage Current
VSW1 = 5V
0.01
1
µA
SW2 Leakage Current
VSW2 = 5V
0.01
1
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN, VFAULT = VIN, unless otherwise noted. (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com