Electronic Components Datasheet Search
  English  ▼

X  

LT3596 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3596
Description  60V Step-Down LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology LT3596 Datasheet HTML 10Page - Linear Technology LT3596 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3596

3596f
PWM Dimming Waveforms
(Nonoverlapping PWM Signals)
10,000:1 PWM Dimming at 100Hz
PWM Dimming Waveforms
(Overlapping PWM Signals)
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted
ILED
50mA/DIV
PWM
2V/DIV
200ns/DIV
3596 G19
1,000:1 PWM Dimming at 100Hz
ILED
50mA/DIV
PWM
2V/DIV
2µs/DIV
3596 G20
ILED1
100mA/DIV
ILED2
100mA/DIV
PWM1
5V/DIV
PWM2
5V/DIV
2ms/DIV
3596 G21
ILED1
100mA/DIV
ILED2
100mA/DIV
PWM1
5V/DIV
PWM2
5V/DIV
2ms/DIV
3596 G22
LED Open-Fault Waveforms
ILED1
100mA/DIV
VSW
50V/DIV
VLED
1V/DIV
VOUT
20V/DIV
20µs/DIV
3596 G23
LED Short to VOUT Waveforms
VLED
20V/DIV
VFAULT
5V/DIV
ILED
100mA/DIV
VOUT
20V/DIV
10ms/DIV
3596 G24
FAULT Output Voltage
VTSET for LED Current Derating
IFAULT (mA)
0
0
200
400
600
800
0.25 0.5 0.75
1
3596 G25
1.25 1.5 1.75
2
T = 125°C
T = 25°C
T = –40°C
TSET LED Current Derating
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
3596 G26
0.4
0.7
0.6
25
100 125
TEMPERATURE (°C)
25
60
80
100
105
3596 G27
40
20
0
45
65
85
125
VTSET = 0.68V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com