Electronic Components Datasheet Search
  English  ▼

X  

LT3596 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3596
Description  60V Step-Down LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 1 Page - Linear Technology

  LT3596 Datasheet HTML 1Page - Linear Technology LT3596 Datasheet HTML 2Page - Linear Technology LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3596

3596f
Typical applicaTion
FeaTures
DescripTion
60V Step-Down LED Driver
The LT®3596 is a 60V step-down LED Driver. It achieves
10,000:1 digital PWM dimming at 100Hz with fast NPN
current sources driving up to 10 LEDs in each channel.
100:1 LED dimming can also be done with analog control
of the CTRL1-3 pin.
The step-down switching frequency is programmable
between 200kHz and 1MHz and is synchronizable to an
external clock. The LT3596 also provides maximum LED
brightness while adhering to manufacturers’ specifica-
tions for thermal derating. The derate temperature is
programmedbyplacinganegativetemperaturecoefficient
(NTC) resistor on the master control pin.
The LT3596 adaptively controls VOUT in order to achieve
optimalefficiency.Otherfeaturesinclude:1.5%LEDcurrent
matching between channels, open LED reporting, shorted
LED pin protection and reporting, programmable LED cur-
rent and programmable temperature protection.
48V 1MHz Step-Down 8W, 100mA LED Driver (Eight White LEDs per Channel)
applicaTions
n
300mA Buck Regulator, Drives Up to 10 LEDs per
Channel with Fast NPN Current Sources
n
Fast Current Sources for <1µs Pulse Widths
(10,000:1 True Color PWM™ Dimming at 100Hz)
n
LEDs Disconnected in Shutdown
n
Adaptive VOUT for Increased Efficiency
n
6V to 60V Input Voltage Range
n
±1.5% Accurate LED Current Matching
n
External Resistors Set LED Current for Each Channel
n
Requires No External Compensation
n
ProgrammableSwitchingFrequency(200kHzto1MHz)
n
Synchronizable to External Clock
n
Open, Short LED Detection and Reporting
n
Programmable LED Thermal Derating and Reporting
n
Programmable Temperature Protection
n
5mm
× 8mm Thermally Enhanced QFN Package with
0.6mm High Voltage Pin Spacing
n
LED Billboards and Signboards
n
Mono, Multi, Full Color LED Displays
n
Large Screen Display LED Backlighting
n
Automotive, Industrial and Medical Displays
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation and True Color PWM is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN
EN/UVLO
LT3596
SYNC
SYNC
PWM1
PWM2
PWM3
PWM1
PWM2
PWM3
CTRL1
CTRL2
CTRL3
CTRL1
CTRL2
CTRL3
RT
FAULT
FAULT
BIAS
270k
10µF
VIN
48V
91k
33.2k
VREF
TSET
CTRLM
10k
90.9k
49.9k
20k
20k
20k
3696 TA01a
100k
100k
BIAS
BOOST
SW
DA
GND
FB
LED1
LED2
LED3
ISET1
ISET2
ISET3
VOUT
4.7µF
5V
BIAS
4.7µF
VOUT
100nF
100k
3.65k
100µH
10,000:1 PWM Dimming at 100Hz
PWM
2V/DIV
ILED
50mA/DIV
200ns/DIV
3596 TA01b


Similar Part No. - LT3596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3596 LINER-LT3596 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
60V Step-Down LED Driver
More results

Similar Description - LT3596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
60V Step-Down LED Driver
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
60V Triple Step-Down LED Driver
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
60V High Current Step-Down LED Driver Controller
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
60V 1A STEP-DOWN LED DRIVER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
3A-60V LED Step-Down Converter
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com