Electronic Components Datasheet Search
  English  ▼

X  

LT3596 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3596
Description  60V Step-Down LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 5 Page - Linear Technology

  LT3596 Datasheet HTML 1Page - Linear Technology LT3596 Datasheet HTML 2Page - Linear Technology LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3596

3596f
Typical perForMance characTerisTics
UVLO Threshold
EN/UVLO Pin Current
VREF Voltage
Switching Frequency
SW and DA Current Limit
Switch Voltage Drop
VIN Quiescent Current
BIAS Quiescent Current
VIN, BIAS Shutdown Current
TA = 25°C, unless otherwise noted
VIN VOLTAGE (V)
0
0
0.4
0.8
1.2
10
20
30
40
3596 G01
50
1.6
2.0
0.2
0.6
1.0
1.4
1.8
60
T = 125°C
T = 25°C
T = –40°C
VBIAS = 5V
BIAS VOLTAGE (V)
0
1.0
1.5
2.0
20
3596 G02
0.5
0
–0.5
5
10
15
25
T = 125°C
T = 25°C
T = –40°C
VIN = 24V
TEMPERATURE (°C)
–50
0.8
1.0
1.4
IVIN
25
75
3596 G03
0.6
0.4
–25
0
50
100
125
0.2
0
1.2
VIN = 55V
VBIAS = 25V
IVBIAS
TEMPERATURE (°C)
–50
1.7
25
3596 G04
1.4
1.2
–25
0
50
1.1
1.0
1.8
1.6
1.5
1.3
75
100 125
TEMPERATURE (°C)
–50
4
5
6
25
75
3596 G05
3
2
–25
0
50
100
125
1
0
VEN/UVLO = 1.4V
TEMPERATURE (°C)
–50
2.03
25
3596 G06
2.00
1.98
–25
0
50
1.97
1.96
2.04
2.02
2.01
1.99
75
100 125
VIN = 55V
VIN = 24V
VIN = 6V
TEMPERATURE (°C)
–50
0.8
1.0
1.4
25
75
3596 G07
0.6
0.4
–25
0
50
100
125
0.2
0
1.2
RT = 33.2k
RT = 220k
TEMPERATURE (°C)
–50
900
1000
1100
ISW
IDA
25
75
3596 G08
800
700
–25
0
50
100
125
600
500
SWITCH CURRENT (mA)
0
0
100
300
400
500
1000
700
200
400 500
3596 G09
200
800
900
600
100
300
600 700 800
T = 125°C
T = 25°C
T = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com