Electronic Components Datasheet Search
  English  ▼

X  

LTC3859 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3859
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859 Datasheet(HTML) 2 Page - Linear Technology

  LTC3859 Datasheet HTML 1Page - Linear Technology LTC3859 Datasheet HTML 2Page - Linear Technology LTC3859 Datasheet HTML 3Page - Linear Technology LTC3859 Datasheet HTML 4Page - Linear Technology LTC3859 Datasheet HTML 5Page - Linear Technology LTC3859 Datasheet HTML 6Page - Linear Technology LTC3859 Datasheet HTML 7Page - Linear Technology LTC3859 Datasheet HTML 8Page - Linear Technology LTC3859 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3859
2
3859f
ABSOLUTE MAXIMUM RATINGS
Bias Input Supply Voltage (VBIAS).............. –0.3V to 40V
Buck Top Side Driver Voltages
(BOOST1, BOOST2) ............................. –0.3V to 46V
Boost Top Side Driver Voltages
(BOOST3) ............................................ –0.3V to 76V
Buck Switch Voltage (SW1, SW2) ................ –5V to 40V
Boost Switch Voltage (SW3) ........................ –5V to 70V
INTVCC, (BOOST1–SW1),
(BOOST2–SW2), (BOOST3–SW3),.......... –0.3V to 6V
RUN1, RUN2, RUN3 .................................... –0.3V to 8V
Maximum Current Sourced Into Pin
from Source >8V...............................................100μA
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
ITH1
VFB1
SENSE1+
SENSE1–
FREQ
PLLIN/MODE
SS3
SENSE3+
SENSE3–
VFB3
ITH3
SGND
RUN1
RUN2
RUN3
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
SW3
TG3
BOOST3
BG3
VBIAS
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
OV3
TRACK/SS2
39
PGND
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
13 14 15 16
TOP VIEW
39
PGND
UHF PACKAGE
38-LEAD (5mm
7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
FREQ
PLLIN/MODE
SS3
SENSE3+
SENSE3–
VFB3
ITH3
SGND
RUN1
RUN2
RUN3
SENSE2–
SW1
BOOST1
BG1
SW3
TG3
BOOST3
BG3
VBIAS
EXTVCC
INTVCC
BG2
BOOST2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SENSE1+, SENSE2+, SENSE1–
SENSE2– Voltages ..................................... –0.3V to 28V
SENSE3+, SENSE3– Voltages..................... –0.3V to 40V
PLLIN/MODE, FREQ Voltages ............... –0.3V to INTVCC
EXTVCC....................................................... –0.3V to 14V
ITH1, ITH2, ITH3, VFB1, VFB2, VFB3 Voltages .... –0.3V to 6V
PGOOD1, OV3 Voltages .............................. –0.3V to 6V
TRACK/SS1, TRACK/SS2, SS3 Voltages ..... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 3)........................................ –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com