Electronic Components Datasheet Search
  English  ▼

X  

LTC3859 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3859
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859 Datasheet(HTML) 4 Page - Linear Technology

  LTC3859 Datasheet HTML 1Page - Linear Technology LTC3859 Datasheet HTML 2Page - Linear Technology LTC3859 Datasheet HTML 3Page - Linear Technology LTC3859 Datasheet HTML 4Page - Linear Technology LTC3859 Datasheet HTML 5Page - Linear Technology LTC3859 Datasheet HTML 6Page - Linear Technology LTC3859 Datasheet HTML 7Page - Linear Technology LTC3859 Datasheet HTML 8Page - Linear Technology LTC3859 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3859
4
3859f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ ≈ TA = 25°C. VBIAS = 12V, VRUN1,2,3 = 5V, EXTVCC = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO
Undervoltage Lockout
INTVCC Ramping Up
l
4.15
4.5
V
INTVCC Ramping Down
l
3.5
3.8
4.0
V
VOVL1,2
Buck Feedback Overvoltage Protection
Measured at VFB1,2 Relative to
Regulated VFB1,2
710
13
%
ISENSE1,2+
SENSE+ Pin Current
Bucks (Channels 1 and 2)
±1
μA
ISENSE3+
SENSE+ Pin Current
Boost (Channel 3)
170
μA
ISENSE1,2–
SENSE– Pin Current
Bucks (Channels 1 and 2)
VOUT1,2 < VINTVCC – 0.5V
VOUT1,2 > VINTVCC + 0.5V
700
±2
μA
μA
ISENSE3–
SENSE– Pin Current
Boost (Channel 3)
VSENSE3+, VSENSE3– = 12V
±1
μA
DFMAX,TG
Maximum Duty Factor for TG
Bucks (Channels 1,2) in Dropout, FREQ = 0V
Boost (Channel 3) in Overvoltage
98
99
100
%
%
DFMAX,BG
Maximum Duty Factor for BG
Bucks (Channels 1,2) in Overvoltage
Boost (Channel 3)
100
96
%
%
ITRACK/SS1,2
Soft-Start Charge Current
VTRACK/SS1,2 = 0V
0.7
1.0
1.4
μA
ISS3
Soft-Start Charge Current
VSS3 = 0V
0.7
1.0
1.4
μA
VRUN1 ON
VRUN2,3 ON
RUN1 Pin Threshold
RUN2,3 Pin Threshold
VRUN1 Rising
VRUN2,3 Rising
l
l
1.19
1.23
1.25
1.28
1.31
1.33
V
V
VRUN1,2,3 Hyst
RUN Pin Hysteresis
80
mV
VSENSE1,2,3(MAX) Maximum Current Sense Threshold
VFB1,2 = 0.7V, VSENSE1,2– = 3.3V
VFB1,2,3 = 1.1V, VSENSE3+ = 12V
l
43
50
57
mV
VSENSE3(CM)
SENSE3 Pins Common Mode Range
(BOOST Converter Input Supply Voltage)
2.5
38
V
Gate Driver
TG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG3
Pull-Up On-Resistance
Pull-Down On-Resistance
1.2
1.0
Ω
Ω
BG3
Pull-Up On-Resistance
Pull-Down On-Resistance
1.2
1.0
Ω
Ω
TG1,2,3 tr
TG1,2,3 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG1,2,3 tr
BG1,2,3 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
28
13
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver Bucks (Channels 1, 2)
Boost (Channel 3)
30
70
ns
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver Bucks (Channels 1, 2)
Boost (Channel 3)
30
70
ns
ns
tON(MIN)1,2
Buck Minimum On-Time
(Note 7)
95
ns
tON(MIN)3
Boost Minimum On-Time
(Note 7)
120
ns
INTVCC Linear Regulator
VINTVCCVBIAS
Internal VCC Voltage
6V < VBIAS < 38V, VEXTVCC = 0V, IINTVCC = 0mA
5.0
5.4
5.6
V
VLDOVBIAS
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.7
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com