Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TX810 Datasheet HTML 3Page - Texas Instruments TX810 Datasheet HTML 4Page - Texas Instruments TX810 Datasheet HTML 5Page - Texas Instruments TX810 Datasheet HTML 6Page - Texas Instruments TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments TX810 Datasheet HTML 10Page - Texas Instruments TX810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BiasCurrent − mA
-60
-62
-74
2
7
1
6
3
4
5
-70
-64
10MHz
5MHz
-72
-68
-66
t − Time − s
m
10
25
30
5
-5
15
20
-0.04
0.04
0
80
20
-20
-100
-60
0
40
-80
-40
60
100
Output
Input
-0.03
0
-0.05
-0.02
-0.01
0.03
0.02
0.01
0.05
Bias = 7 mA,
R
= 50
LOAD
W
Bias Current − mA
-60
-62
-74
2
6
7
1
3
4
5
-80
-78
-70
-64
10MHz
5MHz
V
= 500 mV
IN
PP
-76
-72
-68
-66
Bias Current − mA
1.4
1.2
0.4
2
6
7
1
3
4
5
0
0.2
10MHz
5MHz
1MHz
0.6
0.8
1
t − Time − s
m
0.3
0.1
-0.1
1
7
8
3
0
6
2
4
5
-0.3
-0.2
4
0
3
1
5
0
-1
2
Trigger
TX810 Output
0.2
6
t − Time − s
m
0.3
0.1
-0.1
0.5
3.5
4
1.5
0
3
1
2
2.5
-0.3
-0.2
4
0
3
1
5
0
-1
2
Trigger
TX810 Output
0.2
-2
6
TX810
www.ti.com
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
All Specifications at TA = 25°C, VP = 5V, VN = -5V, VB = 0V, VSUB = -5V, RIN = 75Ω, RLOAD = 400Ω;
f = 5MHz, B3B2B1=111, VIN = 0.25VPP, unless otherwise noted.
AC coupling is used between High voltage pulser and TX810. The
input signal is a 1-cycle 140Vpp pulse
Figure 6. Recovery Time Without Signal
Figure 7. Cross-talk vs. Bias Currents vs. Frequency
Figure 8. HD2 vs. Bias Current vs. Frequency
Figure 9. Input Referred Noise vs. Bias Current vs. Frequency
Figure 10. Power On Response Time (0mA to 7mA)
Figure 11. Power Down Response Time (7mA to 0mA)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com