Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments TX810 Datasheet HTML 10Page - Texas Instruments TX810 Datasheet HTML 11Page - Texas Instruments TX810 Datasheet HTML 12Page - Texas Instruments TX810 Datasheet HTML 13Page - Texas Instruments TX810 Datasheet HTML 14Page - Texas Instruments TX810 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TX810
www.ti.com
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
APPLICATION INFORMATION
Similar to discrete T/R switch solutions, external components can be used to optimize system performance.
Inductor L and resistor RLOAD before the low voltage receiver amplifier (LVRx) can improve overload recovery
time and reduce reflection. The L acts as a high pass filter thus overshoot or recovery response spikes can be
suppressed to minimal. The L and RLOAD terminate the entire signal path and can reduce reflection; therefore
axial resolution in ultrasound image might be improved. However, the combined impedance of L and RLOAD may
affect the system sensitivity. The insertion loss of T/R switch is determined by the input impedance of receiver
amplifier and RON of the TX810. L also creates a DC path for any offset caused by mismatching.The inductor can
be as low as 10s µH to suppress low frequency signals from transmitter, transducer, multiplexer, and TX810. The
optimization of L and RLOAD is always an important topic for system designers. AC coupling are typically used
between transmitter and T/R switch or T/R switch and amplifier. Thus amplifiers with DC biased inputs will not
interference with T/R switch.
One challenge for integrating multiple channel circuits on a small package is how to reduce cross talk. In
ultrasound systems, acoustic cross talk from adjacent transducer elements is a dominant source. The cross talk
from transducer elements is in a range of -30 to -35dBc for array transducers. Circuit cross talk is usually at least
20dB better than the transducer cross talk. The special considerations were implemented in both TX810 design
and layout. The cross talk among TX810 channels is reduced to below -60 dBc as show in the specification
table.
In ultrasound Doppler applications, modulation effect in system can influence image quality and sensitivity.
Ultrasound system is a complex mixed-signal system with all kinds of digital and analog circuits. Digital signals
and clock signals can contaminate analog signals on system level or on chip level. Nonlinear components, such
as transistors and diodes, can modulate noise and contaminate signals. In Doppler applications, the Doppler
signal frequency could range from 20Hz to >50KHz. Meanwhile, multiple system clocks are also in this range,
such as frame clock, image line clock, and etc. These noise signals could enter chip through ground and power
supply pins. It is important to study the power supply modulation ratio (PSMR) at chip level. Noise signal with
certain frequency and amplitude can be applied on supply pins. Side band signals could be found if modulation
effect exists. The PSMR is expressed as an amplitude ratio between carrier and side band signals. Beside
PSMR, 3rd order intermodulation ratio (IMD3) is a standard specification for mixed-signal ICs. Users can use
IMD3 to estimate the potential artifact Doppler mirror signals. Both specs can be found in the specification table.
The schematic of the basic connection for TX810 is shown in Figure 15. Optional inductors and resistors can be
used at TX810 outputs depending on transducer characteristics as discussed above. Standard decoupling
capacitors 0.1µF should be placed close to power supply pins. The pin out of TX810 is optimized for PCB layout.
All signals are going from left to right straightly.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com