Electronic Components Datasheet Search
  English  ▼

X  

IMS6 Datasheet(PDF) 1 Page - Power-One

Part # IMS6
Description  6 Watt SMD and through hole DC/DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS6 Datasheet(HTML) 1 Page - Power-One

  IMS6 Datasheet HTML 1Page - Power-One IMS6 Datasheet HTML 2Page - Power-One IMS6 Datasheet HTML 3Page - Power-One IMS6 Datasheet HTML 4Page - Power-One IMS6 Datasheet HTML 5Page - Power-One IMS6 Datasheet HTML 6Page - Power-One IMS6 Datasheet HTML 7Page - Power-One IMS6 Datasheet HTML 8Page - Power-One IMS6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 Watt SMD and through hole
IMS 6 Series
Input to output electric strength test up to 2 kV DC
Input voltage ranges:
18...36 and 36...75 V DC
Single and dual outputs of 5, 12, 15 V DC
• Wide input voltage ranges
• Electrical isolation, single and dual outputs
• Immunity to IEC/EN 61000-4-2, -3, -4, -5 and -6
• High efficiency (typ. 82%)
• Flex power: flexible load distribution
• No load and short-circuit proof
• High reliability and no derating
• Operating ambient temperature –40...+ 71 C
• Industrial, alternative and SMD pinout
• DIL 24 case with 9.0 mm profile
Safety approvals pending to IEC/EN 60950, UL 1950
LGA
C
Summary
The IMS 6 series of board mountable 6 W DC-DC convert-
ers has been designed according to the latest industry re-
quirements and standards. The converters are particularly
suitable for use in mobile or stationary applications in trans-
port, industry or telecommunications where variable input
voltages or high transient voltages are prevalent.
Covering a total input voltage range from 18 V DC up to
75 V DC.
The converters are designed and built according to the
international safety standards IEC/EN 60950, UL 1950,
CAN/CSA C22.2 No.950-95 and are LGA and UL marked.
A special feature is their small case size, DIL 24 with only
9.0 mm profile. The circuit comprises integrated planar
magnetics and all components are automatically assem-
bled and solidly soldered onto a single PCB without any
wire connections. Thanks to the rigid mechanical design the
units withstand an extremely high level of shock and vibra-
tions. Careful considerations of possible thermal stresses
ensure the absence of hot spots providing long life in envi-
ronments where temperature cycles are a reality. The ther-
mal design allows operation at full load up to an ambient
temperature of 71 C in free air without using any potting
material.
Options :
SMD pinout or K-pinout, an alternative to the
standard industrial pinout, provide a high level of applica-
tion specific engineering and design-in flexibility.
Table of Contents
Page
Summary .......................................................................... 1
Type Survey and Key Data .............................................. 2
Type Key .......................................................................... 2
Functional Description ...................................................... 3
Electrical Input Data ......................................................... 4
Electrical Output Data ...................................................... 6
Page
Electromagnetic Compatibility (EMC) .............................. 8
Mechanical Data .............................................................. 9
Immunity to Environmental Conditions ........................... 10
Safety and Installation Instructions ................................ 11
Description of Options .................................................... 13
Edition 1 06.00
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
o
DC/DC converters


Similar Part No. - IMS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMS-2 VISHAY-IMS-2 Datasheet
75Kb / 3P
Inductors Commercial, Molded, Shielded, Miniature
18-Oct-04
IMS-2 VISHAY-IMS-2 Datasheet
71Kb / 3P
Inductors
13-Dec-07
IMS-2SWWD-3 VISHAY-IMS-2SWWD-3 Datasheet
75Kb / 4P
Inductors
10-Aug-06
IMS-2SWWD-30 VISHAY-IMS-2SWWD-30 Datasheet
75Kb / 4P
Inductors
10-Aug-06
IMS-2WWD-40 VISHAY-IMS-2WWD-40 Datasheet
70Kb / 3P
Inductors, Subminiature, Shielded
10-Aug-06
More results

Similar Description - IMS6

ManufacturerPart #DatasheetDescription
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
6 watt dc-dc converters
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com