Electronic Components Datasheet Search
  English  ▼

X  

IMS6 Datasheet(PDF) 13 Page - Power-One

Part # IMS6
Description  6 Watt SMD and through hole DC/DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS6 Datasheet(HTML) 13 Page - Power-One

Back Button IMS6 Datasheet HTML 5Page - Power-One IMS6 Datasheet HTML 6Page - Power-One IMS6 Datasheet HTML 7Page - Power-One IMS6 Datasheet HTML 8Page - Power-One IMS6 Datasheet HTML 9Page - Power-One IMS6 Datasheet HTML 10Page - Power-One IMS6 Datasheet HTML 11Page - Power-One IMS6 Datasheet HTML 12Page - Power-One IMS6 Datasheet HTML 13Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Option M
Surface mount version.
Note: Precautions should be taken when reflow soldering
the SMD version, option M. The reflow soldering instruc-
tions below should be strictly adhered to. An inadequate
soldering process may permanently damage the converter
or degrade its performance and Melcher will not honour any
guarantee/warranty claims resulting from damage caused
by ignoring the soldering instructions.
Infrared soldering is not permitted.
The surface mountable version of this product is assem-
bled with high melting point solder (227 C) to ensure that
the solder joints of of the internal components do not de-
grade in the end users SMD soldering process.
This product is only specified for "Forced Convection
Reflow Soldering" (Hot Air). Any conventional soldering
profile is acceptable provided that the restriction curve be-
low is not exceeded at any time during the reflow process.
Description of Options
Table 16: Survey of options
Option
Function of option
Characteristic
Z
Available in 'open frame' version without case
M
Surface mount version, SMD
Not available for 5 IMX 4 and 70 IMX 4 types
K
Alternative pinout
Not available for 5 IMX 4 and 70 IMX 4 types as well as all types
with 3.3 V or 24 V outputs
210
220
230
240
0
10
20
30
Tpeak [ C]
11051
40
t [s]
50
205
215
225
235
Option K
Alternative pinout.
This option defines an alternative pinout.
Option K excludes option M and vice versa.
Fig. 24
Forced convection reflow soldering restriction curve
measured on pin 2
26.6
2.5
1
12
24
13
26.6
2.5
1
12
24
13
Fig. 25
Proposed solder lands.
Edition 1 06.00
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
Bare board construction without case. Consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com