Electronic Components Datasheet Search
  English  ▼

X  

IMS6 Datasheet(PDF) 2 Page - Power-One

Part # IMS6
Description  6 Watt SMD and through hole DC/DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS6 Datasheet(HTML) 2 Page - Power-One

  IMS6 Datasheet HTML 1Page - Power-One IMS6 Datasheet HTML 2Page - Power-One IMS6 Datasheet HTML 3Page - Power-One IMS6 Datasheet HTML 4Page - Power-One IMS6 Datasheet HTML 5Page - Power-One IMS6 Datasheet HTML 6Page - Power-One IMS6 Datasheet HTML 7Page - Power-One IMS6 Datasheet HTML 8Page - Power-One IMS6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Type Survey and Key Data
Table 1: Type survey
Output 1
Output 2
Output Power
Input voltage
Efficiency
Type
Options
Uo1 nom
Io1 nom
Uo2 nom
Io2 nom
Po nom
range
typ
designation
[V DC]
[A] 1
[V DC]
[A] 1
[W]
[V DC]
[%]
5
1000
-
-
5.0
18...36
82
24IMS6-05-9
M, K, Z
1 Flexible load distribution on double outputs possible to 75% , 25% asymetric loading.
Type Key
48 IMS 6 - 05 05 -9 K M Z
Input voltage range
Ui
16...36 V DC ............................................. 24
36...75 V DC
........................................... 48
Series ........................................................................ IMS 6
Output voltage type for output 1 ......................... 05, 12, 15
Output voltage type for output 2 ......................... 05, 12, 15
Operating ambient temperature range
TA
–40...71 C .................................................. -9
Options:
Alternative pinout ......................................... K 1 2
SMD-pinout ................................................. M 1 2
1 Option M excludes option K and vice versa
2 For delivery lead times contact factory. Some types require a minimum order quantity.
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
5
1000
-
-
5.0
36...75
82
48IMS6-05-9
M, K, Z
12
500
-
-
6.0
18...36
83
24IMS6-12-9
M, K, Z
12
500
-
-
6.0
36...75
83
48IMS6-12-9
M, K, Z
15
400
-
-
6.0
18...36
84
24IMS6-15-9
M, K, Z
15
400
-
-
6.0
36...75
84
48IMS6-15-9
M, K, Z
5
500
5
500
6.0
18...36
82
24IMS6-0505-9
M, K, Z
5
500
5
500
6.0
36...75
82
48IMS6-0505-9
M, K, Z
12
250
12
250
6.0
18...36
83
24IMS6-1212-9
M, K, Z
12
250
12
250
6.0
36...75
83
48IMS6-1212-9
M, K, Z
15
200
15
200
6.0
18...36
84
24IMS6-1515-9
M, K, Z
15
200
15
200
6.0
36...75
84
48IMS6-1515-9
M, K, Z
Edition 1 06.00
Open frame ................................................. Z
1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com