Electronic Components Datasheet Search
  English  ▼

X  

LM3404 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3404 Datasheet HTML 2Page - National Semiconductor (TI) LM3404 Datasheet HTML 3Page - National Semiconductor (TI) LM3404 Datasheet HTML 4Page - National Semiconductor (TI) LM3404 Datasheet HTML 5Page - National Semiconductor (TI) LM3404 Datasheet HTML 6Page - National Semiconductor (TI) LM3404 Datasheet HTML 7Page - National Semiconductor (TI) LM3404 Datasheet HTML 8Page - National Semiconductor (TI) LM3404 Datasheet HTML 9Page - National Semiconductor (TI) LM3404 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Design Example 2
Design example 2 demonstrates a design if a single Bill of
Materials (Bom) is desired over many different applications
(number of series LEDs, V
IN, VOUT etc).
•
V
IN = 48V (±20%)
•
Driving 3, 4, or 5 HB LEDs with V
F = 3.4V
•
I
F = 500 mA (typical application)
•
Estimated efficiency = 82%
•
f
SW = fast as possible
•
Design for typical application within t
ON and tOFF limitations
The inductor, R
ON resistor, and the RSNS resistor is calculated
for a typical or average design.
•
V
OUT = 3 x 3.4V + 200 mV = 10.4V
•
V
OUT = 4 x 3.4V + 200 mV = 13.8V
•
V
OUT = 5 x 3.4V + 200 mV = 17.2V
Calculate t
ON, tOFF & RON
In this design we will maximize the switching frequency so
that we can reduce the overall size of the design. In a later
design, a slower switching frequency is utilized to maximize
efficiency. If the design is to use the highest possible switch-
ing frequency, you must ensure that the minimum on and off
times are adhered to.
Minimum on time occurs when V
IN is at its maximum value,
and V
OUT is at its lowest value.
Calculate R
ON at VIN = 60V, VOUT = 10.4V, and set tON = 300
ns:
R
ON = 137 kΩ, tON = 306 ns
Check to see if t
OFF minimum is satisfied:
t
OFF minimum occurs when VIN is at its lowest value, and
V
OUT is at its maximum value.
At V
IN = 36V, VOUT = 17.2V, and RON = 137 kΩ calculate tON
from the above equation:
t
ON = 510 ns
Rearrange the above equation and solve for t
OFF with tON set
to 510 ns
t
OFF = 365 ns (satisfied)
Example 2 On & Off Time
Three Series LEDs
V
IN (V)
V
OUT (V)
R
ON
t
ON
t
OFF
36
10.4
137 k
Ω
5.10E-07
9.38E-07
48
10.4
137 k
Ω
3.82E-07
1.06E-06
60
10.4
137 k
Ω
3.06E-07
1.14E-06
Four Series LEDs
36
13.8
137 k
Ω
5.10E-07
5.81E-07
48
13.8
137 k
Ω
3.82E-07
7.08E-07
60
13.8
137 k
Ω
3.06E-07
7.85E-07
Five Series LEDs
36
17.2
137 k
Ω
5.10E-07
3.65E-07
48
17.2
137 k
Ω
3.82E-07
4.93E-07
60
17.2
137 k
Ω
3.06E-07
5.69E-07
Calculate Switching Frequency
The switching frequency will only change with output voltage.
Substituting equations:
Or:
• f
SW = 691 kHz (VOUT = 10.4V)
• f
SW = 916 kHz (VOUT = 13.8V)
• f
SW = 1.14 MHz (VOUT = 17.2V)
Calculate Inductor Value
With 50% ripple at V
IN = 48V, and VOUT = 10.4V
• I
AVG = 500 mA
• Δi
L = 250 mA (target)
• L = 53 µH (68 uH standard value)
Calculate
Δi for V
IN = 36V, 48V, & 60V with L = 68 µH.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com