Electronic Components Datasheet Search
  English  ▼

X  

LM3404 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3404 Datasheet HTML 4Page - National Semiconductor (TI) LM3404 Datasheet HTML 5Page - National Semiconductor (TI) LM3404 Datasheet HTML 6Page - National Semiconductor (TI) LM3404 Datasheet HTML 7Page - National Semiconductor (TI) LM3404 Datasheet HTML 8Page - National Semiconductor (TI) LM3404 Datasheet HTML 9Page - National Semiconductor (TI) LM3404 Datasheet HTML 10Page - National Semiconductor (TI) LM3404 Datasheet HTML 11Page - National Semiconductor (TI) LM3404 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Modified Application Circuit Design
Example 3
Design Example 1
•
V
IN = 48V (±20%)
•
Driving 3, 4, or 5 HB LEDs with V
F = 3.4V
•
I
F = 500 mA (typical application)
•
Estimated efficiency = 82%
•
f
SW = fast as possible
•
Design for typical application within t
ON and tOFF limitations
The inductor, R
ON resistor, and the RSNS resistor are calcu-
lated for a typical or average design.
• V
OUT = 3 x 3.4V + 200 mV = 10.4V
• V
OUT = 4 x 3.4V + 200 mV = 13.8V
• V
OUT = 5 x 3.4V + 200 mV = 17.2V
Calculate t
ON, tOFF & RON
Minimum ON time occurs when V
IN is at its maximum value,
and V
OUT is at its lowest value.
Calculate R
ON at VIN = 60V, VOUT = 10.4V, and set tON = 300
ns:
R
ON = 111 kΩ (113 kΩ) tON = 306 ns
Check to see if t
OFF minimum is satisfied.
At V
IN = 36V, VOUT = 17.2V, and RON = 113 kΩ calculate
t
ON:.
t
ON = 806 ns
t
OFF = 577 ns (satisfied)
30061637
FIGURE 9. Improved Average LED Current Application Circuit
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com