Electronic Components Datasheet Search
  English  ▼

X  

LM3404 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3404 Datasheet HTML 8Page - National Semiconductor (TI) LM3404 Datasheet HTML 9Page - National Semiconductor (TI) LM3404 Datasheet HTML 10Page - National Semiconductor (TI) LM3404 Datasheet HTML 11Page - National Semiconductor (TI) LM3404 Datasheet HTML 12Page - National Semiconductor (TI) LM3404 Datasheet HTML 13Page - National Semiconductor (TI) LM3404 Datasheet HTML 14Page - National Semiconductor (TI) LM3404 Datasheet HTML 15Page - National Semiconductor (TI) LM3404 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Dimming
The DIM pin of the LM3402/04 is a TTL compatible input for
low frequency pulse width modulation (PWM) dimming of the
LED current. Depending on the application, a contrast ratio
greater than what the LM3402/04 internal DIM circuitry can
provide might be needed. This demonstration board comes
with external circuitry that allows for dimming contrast ratios
greater than 50k:1
LM3402 / 04 DIM Pin Operation
To fully enable and disable the LM3402 / 04, the PWM signal
should have a maximum logic low level of 0.8V and a mini-
mum logic high level of 2.2V. Dimming frequency, f
DIM, and
duty cycle, D
DIM, are limited by the LED current rise time and
fall time and the delay from activation of the DIM pin to the
response of the internal power MOSFET. In general, f
DIM
should be at least one order of magnitude lower than the
steady state switching frequency in order to prevent aliasing.
Refer to figure 10 for illustrations. The interval t
D represents
the delay from a logic high at the DIM pin to the onset of the
output current. The quantities t
SU and tSD represent the time
needed for the LED current to slew up to steady state and
slew down to zero, respectively.
As an example, assume a DIM duty cycle D
DIM equal to 100%
(always on) and the circuit delivers 500mA of current through
the LED string. At D
DIM equal to 50% you would like exactly
½ of 500 mA of current through your LED string (250 mA).
This could only be possible if there were no delays (t
D) be-
tween the on/off DIM signal and the on/off of the LED current.
The rise and fall times (t
SU and tSD) of the LED current would
also need to be eliminated. If we can reduce these times, the
linearity between the PWM signal and the average current will
be realized.
30061652
FIGURE 10. Contrast Ratio Definitions
Contrast Ratio Definition
Contrast Ratio (CR) = 1/D
MIN
D
MIN = (tD + tSU) x fDIM
30061653
FIGURE 11. t
D & tSU (DIM Pin)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com