Electronic Components Datasheet Search
  English  ▼

X  

SA5532ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SA5532ADE4
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SA5532ADE4 Datasheet HTML 1Page - Texas Instruments SA5532ADE4 Datasheet HTML 2Page - Texas Instruments SA5532ADE4 Datasheet HTML 3Page - Texas Instruments SA5532ADE4 Datasheet HTML 4Page - Texas Instruments SA5532ADE4 Datasheet HTML 5Page - Texas Instruments SA5532ADE4 Datasheet HTML 6Page - Texas Instruments SA5532ADE4 Datasheet HTML 7Page - Texas Instruments SA5532ADE4 Datasheet HTML 8Page - Texas Instruments SA5532ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
2IN+
2IN–
2OUT
V
CC+
V
CC–
1IN+
1IN–
1OUT
NE5532, NE5532A . . . D, P, OR PS PACKAGE
SA5532, SA5532A . . . D OR P PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
NE5532, NE5532A
SA5532, SA5532A
www.ti.com................................................................................................................................................... SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
• Equivalent Input Noise Voltage:
5 nV/
√Hz Typ at 1 kHz
• Unity-Gain Bandwidth: 10 MHz Typ
• Common-Mode Rejection Ratio: 100 dB Typ
• High DC Voltage Gain: 100 V/mV Typ
• Peak-to-Peak Output Voltage Swing 26 V Typ
With VCC± = ±15 V and RL = 600 Ω
• High Slew Rate: 9 V/µs Typ
The NE5532, NE5532A, SA5532, and SA5532A are high-performance operational amplifiers combining excellent
dc and ac characteristics. They feature very low noise, high output-drive capability, high unity-gain and
maximum-output-swing bandwidths, low distortion, high slew rate, input-protection diodes, and output
short-circuit protection. These operational amplifiers are compensated internally for unity-gain operation. These
devices have specified maximum limits for equivalent input noise voltage.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
NE5532P
NE5532P
PDIP – P
Tube of 50
NE5532AP
NE5532AP
Tube of 75
NE5532D
N5532
Reel of 2500
NE5532DR
0°C to 70°C
SOIC – D
Tube of 75
NE5532AD
N5532A
Reel of 2500
NE5532ADR
NE5532PSR
N5532
SOP – PS
Reel of 2000
NE5532APSR
N5532A
SA5532P
SA5532P
PDIP – P
Tube of 50
SA5532AP
SA5532AP
Tube of 75
SA5532D
–40°C to 85°C
SA5532
Reel of 2500
SA5532DR
SOIC – D
Tube of 75
SA5532AD
SA5532A
Reel of 2500
SA5532ADR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1979–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SA5532ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5532ADE4 TI-SA5532ADE4 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5532ADE4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com