Electronic Components Datasheet Search
  English  ▼

X  

SA5532ADE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SA5532ADE4
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532ADE4 Datasheet(HTML) 2 Page - Texas Instruments

  SA5532ADE4 Datasheet HTML 1Page - Texas Instruments SA5532ADE4 Datasheet HTML 2Page - Texas Instruments SA5532ADE4 Datasheet HTML 3Page - Texas Instruments SA5532ADE4 Datasheet HTML 4Page - Texas Instruments SA5532ADE4 Datasheet HTML 5Page - Texas Instruments SA5532ADE4 Datasheet HTML 6Page - Texas Instruments SA5532ADE4 Datasheet HTML 7Page - Texas Instruments SA5532ADE4 Datasheet HTML 8Page - Texas Instruments SA5532ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
OUT
VCC–
VCC+
36 pF
37 pF
14 pF
7 pF
15 W
460 W
15 W
IN+
IN–
Component values shown are nominal.
ABSOLUTE MAXIMUM RATINGS
(1)
NE5532, NE5532A
SA5532, SA5532A
SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
SCHEMATIC (EACH AMPLIFIER)
over operating free-air temperature range (unless otherwise noted)
VCC+
22 V
VCC
Supply voltage(2)
VCC–
–22 V
Input voltage, either input(2)(3)
VCC±
Input current(4)
±10 mA
Duration of output short circuit(5)
Unlimited
D package
97°C/W
θ
JA
Package thermal impedance(6)(7)
P package
85°C/W
PS package
95°C/W
TJ
Operating virtual-junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
(3)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage.
(4)
Excessive input current will flow if a differential input voltage in excess of approximately 0.6 V is applied between the inputs, unless
some limiting resistance is used.
(5)
The output may be shorted to ground or either power supply. Temperature and/or supply voltages must be limited to ensure the
maximum dissipation rating is not exceeded.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2
Submit Documentation Feedback
Copyright © 1979–2009, Texas Instruments Incorporated
Product Folder Link(s): NE5532 NE5532A SA5532 SA5532A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com