Electronic Components Datasheet Search
  English  ▼

X  

SA5532ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SA5532ADE4
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SA5532ADE4 Datasheet HTML 1Page - Texas Instruments SA5532ADE4 Datasheet HTML 2Page - Texas Instruments SA5532ADE4 Datasheet HTML 3Page - Texas Instruments SA5532ADE4 Datasheet HTML 4Page - Texas Instruments SA5532ADE4 Datasheet HTML 5Page - Texas Instruments SA5532ADE4 Datasheet HTML 6Page - Texas Instruments SA5532ADE4 Datasheet HTML 7Page - Texas Instruments SA5532ADE4 Datasheet HTML 8Page - Texas Instruments SA5532ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
NE5532, NE5532A
SA5532, SA5532A
www.ti.com................................................................................................................................................... SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
NE5532, NE5532A
0
70
TA
Operating free-air temperature
°C
SA5532, SA5532A
–40
85
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TA = 25°C
0.5
4
VIO
Input offset voltage
VO = 0
mV
TA = Full range
(2)
5
TA = 25°C
10
150
IIO
Input offset current
nA
TA = Full range
(2)
200
TA = 25°C
200
800
IIB
Input bias current
nA
TA = Full range
(2)
1000
VICR
Common-mode input-voltage range
±12
±13
V
Maximum peak-to-peak output-voltage
VOPP
RL ≥ 600 Ω, VCC± = ±15 V
24
26
V
swing
TA = 25°C
15
50
RL ≥ 600 Ω, VO = ±10 V
TA = Full range
(2)
10
Large-signal differential-voltage
AVD
V/mV
amplification
TA = 25°C
25
100
RL ≥ 2 kΩ, VO±10 V
TA = Full range
(2)
15
Small-signal differential-voltage
Avd
f = 10 kHz
2.2
V/mV
amplification
BOM
Maximum output-swing bandwidth
RL = 600 Ω, VO = ±10 V
140
kHz
B1
Unity-gain bandwidth
RL = 600 Ω, CL = 100 pF
10
MHz
ri
Input resistance
30
300
k
zo
Output impedance
AVD = 30 dB, RL = 600 Ω, f = 10 kHz
0.3
CMRR Common-mode rejection ratio
VIC = VICR min
70
100
dB
Supply-voltage rejection ratio
kSVR
VCC± = ±9 V to ±15 V, VO = 0
80
100
dB
(
ΔVCC±/ΔVIO)
IOS
Output short-circuit current
10
38
60
mA
ICC
Total supply curent
VO = 0, No load
8
16
mA
Crosstalk attenuation (VO1/VO2)
V01 = 10 V peak, f = 1 kHz
110
dB
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full temperature ranges are: –40°C to 85°C for the SA5532 and SA5532A, and 0°C to 70°C for the NE5532 and NE5532A.
Copyright © 1979–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): NE5532 NE5532A SA5532 SA5532A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com