Electronic Components Datasheet Search
  English  ▼

X  

TCA6408 Datasheet(PDF) 14 Page - Texas Instruments

Part # TCA6408
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TCA6408_09 Datasheet HTML 10Page - Texas Instruments TCA6408_09 Datasheet HTML 11Page - Texas Instruments TCA6408_09 Datasheet HTML 12Page - Texas Instruments TCA6408_09 Datasheet HTML 13Page - Texas Instruments TCA6408_09 Datasheet HTML 14Page - Texas Instruments TCA6408_09 Datasheet HTML 15Page - Texas Instruments TCA6408_09 Datasheet HTML 16Page - Texas Instruments TCA6408_09 Datasheet HTML 17Page - Texas Instruments TCA6408_09 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.ti.com
I2C Interface Timing Requirements
Reset Timing Requirements
Switching Characteristics
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 10)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
µs
tscl
I2C clock low time
4.7
1.3
µs
tsp
I2C spike time
0
50
0
50
ns
tsds
I2C serial data setup time
250
100
ns
tsdh
I2C serial data hold time
0
0
ns
ticr
I2C input rise time
1000
20 + 0.1Cb(1)
300
ns
ticf
I2C input fall time
300
20 + 0.1Cb(1)
300
ns
tocf
I2C output fall time; 10 pF to 400 pF bus
300
20 + 0.1Cb(1)
300
µs
tbuf
I2C bus free time between Stop and Start
4.7
1.3
µs
tsts
I2C Start or repeater Start condition setup time
4.7
0.6
µs
tsth
I2C Start or repeater Start condition hold time
4
0.6
µs
tsps
I2C Stop condition setup time
4
0.6
µs
tvd(data)
Valid data time; SCL low to SDA output valid
1
1
µs
Valid data time of ACK condition; ACK signal from SCL low to
tvd(ack)
1
1
µs
SDA (out) low
(1)
Cb = total capacitance of one bus line in pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 13)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
tW
Reset pulse duration
4
4
ns
tREC
Reset recovery time
0
0
ns
tRESET
Time to reset(1)
600
600
ns
(1)
Minimum time for SDA to become high or minimum time to wait before doing a START
over recommended operating free-air temperature range, C
L≤ 100 pF (unless otherwise noted) (see Figure 10)
STANDARD
FAST MODE
MODE
I2C BUS
PARAMETER
FROM
TO
UNIT
I2C BUS
MIN
MAX
MIN
MAX
tiv
Interrupt valid time
P Port
INT
4
4
µs
tir
Interrupt reset delay time
SCL
INT
4
4
µs
tpv
Output data valid
SCL
P7–P0
400
400
ns
tps
Input data setup time
P Port
SCL
0
0
ns
tph
Input data hold time
P Port
SCL
300
300
ns
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com