Electronic Components Datasheet Search
  English  ▼

X  

RFS06ZA Datasheet(PDF) 4 Page - Power-One

Part # RFS06ZA
Description  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZA Datasheet(HTML) 4 Page - Power-One

  RFS06ZA Datasheet HTML 1Page - Power-One RFS06ZA Datasheet HTML 2Page - Power-One RFS06ZA Datasheet HTML 3Page - Power-One RFS06ZA Datasheet HTML 4Page - Power-One RFS06ZA Datasheet HTML 5Page - Power-One RFS06ZA Datasheet HTML 6Page - Power-One RFS06ZA Datasheet HTML 7Page - Power-One RFS06ZA Datasheet HTML 8Page - Power-One RFS06ZA Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 4 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
RFS06ZB : 1.8V/6.0A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 3.0A, 25
°C
1.78
1.80
1.82
Vdc
Output Current
Io
Vin.Min to Vin.Max
0
6.0
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
36
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
36
mV
Dynamic Regulation
Peak Deviation
Settling Time
50-100% Io.Max load step
change.
to 1% error band
150
1000
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
70
85
mVp-p
Admissible Load
Capacitance
Comax
Io.Max, Vin.Nom
2,200
µF
Output Current Limit
Threshold
Icl
Vout =0.90 Vo.Nom
120
200
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
220
kHz
Temperature
Coefficient
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
1.62
1.98
Vo
RFS06ZB Characteristic curves
Output Voltage Vs Load
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Iout (A)
Vout (V)
Vin Min
Vin Nom
Vin Max
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (A)
Efficiency
Vin Min
Vin Nom
Vin Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com