Electronic Components Datasheet Search
  English  ▼

X  

RFS06ZA Datasheet(PDF) 13 Page - Power-One

Part # RFS06ZA
Description  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZA Datasheet(HTML) 13 Page - Power-One

Back Button RFS06ZA Datasheet HTML 6Page - Power-One RFS06ZA Datasheet HTML 7Page - Power-One RFS06ZA Datasheet HTML 8Page - Power-One RFS06ZA Datasheet HTML 9Page - Power-One RFS06ZA Datasheet HTML 10Page - Power-One RFS06ZA Datasheet HTML 11Page - Power-One RFS06ZA Datasheet HTML 12Page - Power-One RFS06ZA Datasheet HTML 13Page - Power-One RFS06ZA Datasheet HTML 14Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 13 of 14
www.power-one.com
5 [0.197]
29.6 [1.165]
40 [1.575]
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
24 [0.945]
3.6 [0.142]
Recommended land pattern
JEDEC TRAY
Tray pickup point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com