Electronic Components Datasheet Search
  English  ▼

X  

RFS06ZA Datasheet(PDF) 14 Page - Power-One

Part # RFS06ZA
Description  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZA Datasheet(HTML) 14 Page - Power-One

Back Button RFS06ZA Datasheet HTML 6Page - Power-One RFS06ZA Datasheet HTML 7Page - Power-One RFS06ZA Datasheet HTML 8Page - Power-One RFS06ZA Datasheet HTML 9Page - Power-One RFS06ZA Datasheet HTML 10Page - Power-One RFS06ZA Datasheet HTML 11Page - Power-One RFS06ZA Datasheet HTML 12Page - Power-One RFS06ZA Datasheet HTML 13Page - Power-One RFS06ZA Datasheet HTML 14Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 14 of 14
www.power-one.com
Pin-Out
Pin
Designation
Function
Reference
1
+Vout
Positive output voltage
Secondary
2
-Vout
Output voltage return
Secondary
3
Trim
Output voltage adjust
Secondary
4
NC
No connection
Secondary
5
NC
No connection
Primary
6
NC
No connection
Primary
7
NC
No connection
Primary
8
NC
No connection
Primary
9
NC
No connection
Primary
10
NC
No connection
Primary
11
Shutdown
Shutdown control. Pull low to turn unit off
Primary
12
NC
No connection
Primary
13
NC
No connection
Primary
14
NC
No connection
Primary
15
NC
No connection
Primary
16
NC
No connection
Primary
17
-Vin
Input voltage return
Primary
18
+Vin
Positive input voltage
Primary
Ordering Information
Options
Suffixes to add to part number
Surface Mount Version, shipped
in JEDEC Tray
Add Suffix “–M6”.
Through hole (leaded) version.
Consult factory for availability.
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com