Electronic Components Datasheet Search
  English  ▼

X  

K8AB-AS2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K8AB-AS2
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K8AB-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
K8AB-AS
7
■ Operation and Setting Methods
Setting Ranges and Wiring Connections
Note: 1. The DC input terminals have no polarity.
2. The K8AB-AS3 is designed to be used in combination with
the OMRON K8AC-CT200L Current Transformer (CT).
(Direct input is not possible.)
Connections
1. Input
Connect the input between the I1-COM, I2-COM, or I3-COM terminals, according to the input
current. Malfunctions may occur if the input is connected to unused terminals and the Unit will
not operate correctly.
Terminal I1 is not used by the K8AB-AS3.
If using the OMRON K8AC-CT200L CT, connect to terminals k and l on the K8AC-CT200L.
(Terminals kt and lt are not used.)
2. Power Supply
Connect the power supply to terminals A1 and A2.
3. Outputs
SPDT relays are output to terminals 11, 12, and 14.
Note: Use the recommended ferrules if using twisted wires.
DIP Switch Settings
The resetting method, relay drive method, and operating mode are set using the DIP switch located on the bottom of the Unit.
K8AB-AS
@ does not use SW1.
Setting Method
1. Setting Current
The current knob (SV) is used to set the current.
The current can be set to 10% to 100% of the maximum measuring current.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the current.
The maximum measuring current will differ depending on the model and the input terminal.
Example: K8AB-AS3 Using Input Terminals I3-COM
The maximum measuring current will be 200 A AC and the setting range will be 20 to 200 A.
Model
Measuring current
Wiring
connection
K8AB-AS1
2 to 20 mA AC/DC
I1-COM
10 to 100 mA AC/DC
I2-COM
50 to 500 mA AC/DC
I3-COM
K8AB-AS2
0.1 to 1 A AC/DC
I1-COM
0.5 to 5 A AC/DC
I2-COM
0.8 to 8 A AC/DC
I3-COM
K8AB-AS3
10 to 100 A AC (See note 2.)
I2-COM
20 to 200 A AC (See note 2.)
I3-COM
<For K8AB-AS3>
k
l
Load
Current input
Signal output
K8AC-
CT200L
14
12
A1
A2
I1
I2
I3
11
Relay
signal
output
COM
K8AB-AS3
Single-phase power
Power supply
voltage
ON
OFF
SW1
SW2
SW3
SW4
DIP switch
DIP Switch Functions
Note: All pins are set to OFF at the factory.
SWITCH
ON
● ↑
OFF
❍ ↓
Resetting method
Automatic reset
---
---
●
NO USE
Manual reset
---
---
❍
Relay drive method Normally closed
---
●
---
Normally open
---
❍
---
Operating mode
Undercurrent
●
---
---
Overcurrent
❍
---
---
ON
OFF
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com