Electronic Components Datasheet Search
  English  ▼

X  

K8AB-AS2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # K8AB-AS2
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  K8AB-AS2 Datasheet HTML 1Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
K8AB-AS
3
■ Ratings
Power supply
voltage
Isolated power supply
24 VDC, 24 VAC, 100 to 115 VAC, 200 to 230 VAC
Power consumption
24 VDC:
1 W max.
24 VAC:
4 VA max.
100 to 115 VAC: 4 VA max.
200 to 230 VAC: 5 VA max.
Operating value setting range (SV)
10% to 100% of maximum measuring current
K8AB-AS1: 2 to 20 mA AC/DC
10 to 100 mA AC/DC
50 to 500 mA AC/DC
K8AB-AS2: 0.1 to 1 A AC/DC
0.5 to 5 A AC/DC
0.8 to 8 A AC/DC
K8AB-AS3: When used together with a K8AC-CT200L Current Transformer
10 to 100 A AC
20 to 200 A AC
Operating value
100% operation at set value
Reset value setting range (HYS.)
5% to 50% of operating value
Reset method
Manual reset/automatic reset (switchable)
Note: Manual reset: Turn OFF power supply for 1 s or longer.
Operating time setting range (T)
0.1 to 30 s
Startup lock time setting range (LOCK)
Note: Enabled only for overcurrent operation.
0 to 30 s
(The startup lock timer starts when the input has reached approximately 30% or more of the set value.)
Note: Enabled only for overcurrent operation.
Indicators
Power (PWR): Green, Relay output (RY): Yellow, Alarm outputs (ALM): Red
Input impedance
Refer to "Input Range" on previous page.
Output relays
One SPDT relay (NO/NC switched using DIP switch.)
Output relay ratings
Rated load
Resistive load
6 A at 250 VAC (cos
φ = 1)
6 A at 30 VDC (L/R = 0 ms)
Inductive load
1 A at 250 VAC (cos
φ = 0.4)
1 A at 30 VDC (L/R = 7 ms)
Maximum contact voltage:
250 VAC
Maximum contact current:
6 A AC
Maximum switching capacity: 1,500 VA
Minimum load:
10 mA at 5 VDC
Mechanical life:
10,000,000 operations
Electrical life:
Make: 50,000 times, Break: 30,000 times
Ambient operating temperature
−20 to 60°C (with no condensation or icing)
Storage temperature
−40 to 70°C (with no condensation or icing)
Ambient operating humidity
25% to 85% (with no condensation)
Storage humidity
25% to 85% (with no condensation)
Altitude
2,000 m max.
Terminal screw tightening torque
0.49 N·m
Terminal wiring method
Recommended wire
Solid wire:
2.5 mm2
Twisted wires: AWG16, AWG18
Note: 1. Ferrules with insulating sleeves must be used with twisted wires.
2. Two wires can be twisted together.
Recommended ferrules
Al 1,5-8BK (for AWG16) manufactured by Phoenix Contact
Al 1-8RD (for AWG18) manufactured by Phoenix Contact
Al 0,75-8GY (for AWG18) manufactured by Phoenix Contact
Case color
Munsell 5Y8/1
Case material
PBT/ABS resin (self-extinguishing resin) UL94-V0
Weight
Approx. 130 g
Mounting
Mounted to DIN Track or via M4 screws (tightening torque: 1.2 N·m)
Dimensions
22.5 (W)
× 90 (H) × 100 (D) mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com