Electronic Components Datasheet Search
  English  ▼

X  

K8AB-AS2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # K8AB-AS2
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button K8AB-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
K8AB-AS
8
2. Hysteresis
Hysteresis is set using the hysteresis knob (HYS.)
The setting range is 5 to 50% of the operating value.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the hysteresis.
Example: Maximum of 200 A AC, Current Setting (SV) of 50%, and Overcurrent Operation
Operation will be at 100 A and resetting at 90 A when the hysteresis (HYS.) is set to 10%.
3. Operating Time
The operating time is set using the operating time knob (T).
The operating time can be set to between 0.1 and 30 s.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes (when the set value and the input have reached the
same level.)
Use this as a guide to set the operating time.
If the input current exceeds (drops lower than) the current setting, the alarm indicator will start flashing for the set period and then stay lit.
4. Startup Lock Time
The startup lock time is set using the startup lock time knob (LOCK).
The startup lock time can be set to between 0 and 30 s.
Turn the knob while there is an input to the input terminals until the alarm indicator flashes
(when the set value and the input have reached the same level.)
Use this as a guide to set the startup lock time.
The startup lock time will start when the input current reaches 30% or more of the current
setting.
Use startup lock time to prevent unwanted operation, e.g., as a result of inrush current.
Dimensions
(Unit: mm)
Single-phase Current Relays
OMRON CT
Inrush current
Current setting
30% of current setting
Startup lock timer start
Startup lock time
There are no outputs
during this period.
22.5
100
72
90
5
5
K8AB-AS1
K8AB-AS2
K8AB-AS3
1.8
76
4.1
10
10
5.9
5.2
20
Two M5 screw holes or
two 5.5-dia. holes
57
30 dia.
14.5
14.5
6
8.5
50
33.5
34.5
81.5
13.5
86
54
63
11
4.7
Four M4
× 6 screws
17
20
9.3
1.7
1.7
9.3
76
Mounting Hole Dimensions
Note: The OMRON Current Transformer (CT) is
designed to be used with the K8AB-AS3.
Use terminals k and l for connections.
(Terminals kt and lt are not used.)
K8AC-CT200L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com