Electronic Components Datasheet Search
  English  ▼

X  

AP5101 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP5101
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP5101 Datasheet HTML 5Page - Diodes Incorporated AP5101 Datasheet HTML 6Page - Diodes Incorporated AP5101 Datasheet HTML 7Page - Diodes Incorporated AP5101 Datasheet HTML 8Page - Diodes Incorporated AP5101 Datasheet HTML 9Page - Diodes Incorporated AP5101 Datasheet HTML 10Page - Diodes Incorporated AP5101 Datasheet HTML 11Page - Diodes Incorporated AP5101 Datasheet HTML 12Page - Diodes Incorporated AP5101 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
9 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Applications Information (Continued)
Component Selection
The output voltage can be adjusted from 0.81V to 15V using an external resistor divider. Table 1 shows a list of resistor
selection for common output voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output
voltage accuracy. For high values of R1 there is less current consumption in the feedback network. However the trade off is
output voltage accuracy due to the bias current in the error amplifier. R2 can be determined by the following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
0.81
OUT
V
2
R
1
R
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5.0
49.9 (1%)
9.53 (1%)
Table 1. Resistor Selection for Common Output Voltage
Compensation Components
The AP5101 has an external COMP pin through which system stability and transient response can be controlled. COMP pin is
the output of the internal trans-conductance error amplifier. A series capacitor-resistor combination sets a pole-zero
combination to control the characteristics of the control system. The DC gain of the voltage feedback loop is given by:
OUT
V
FB
V
VEA
A
CS
G
LOAD
R
VDC
A
×
×
×
=
Where VFB is the feedback voltage (0.810V), RLOAD is the load resistor value, GCS is the current sense trans-conductance and
AVEA is the error amplifier voltage gain.
The control loop transfer function incorporates two poles. One is due to the compensation capacitor (C3) and the output
resistor of error amplifier, and the other is due to the output capacitor and the load resistor. These poles are located at:
VEA
A
3
C
2
EA
G
P1
f
×
×
π
=
LOAD
R
2
C
2
1
P2
f
×
×
π
=
Where GEA is the error amplifier trans-conductance.
One zero is present due to the compensation capacitor (C3) and the compensation resistor (R3). This zero is located at:
3
R
3
C
2
1
Z1
f
×
×
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com