Electronic Components Datasheet Search
  English  ▼

X  

AP5101 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5101
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5101 Datasheet HTML 1Page - Diodes Incorporated AP5101 Datasheet HTML 2Page - Diodes Incorporated AP5101 Datasheet HTML 3Page - Diodes Incorporated AP5101 Datasheet HTML 4Page - Diodes Incorporated AP5101 Datasheet HTML 5Page - Diodes Incorporated AP5101 Datasheet HTML 6Page - Diodes Incorporated AP5101 Datasheet HTML 7Page - Diodes Incorporated AP5101 Datasheet HTML 8Page - Diodes Incorporated AP5101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
4 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
26
V
VSW
Switch Voltage
–0.3 to VIN + 0.3
V
VBS
Boost Voltage
VSW + 6
V
All Other Pins
–0.3 to +6
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
Note:
2. Exceeding these ratings may damage the device.
Thermal Resistance (Note 3)
Symbol
Parameter
Rating
Unit
θ
JA
Junction to Ambient
120
°C/W
θ
JC
Junction to Case
15
°C/W
Note:
3. Test condition for SO-8: Measured on approximately 1” square of 1 oz copper.
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.75
22
V
TA
Operating Ambient Temperature Range
-40
+85
°C
VOUT
Output Voltage
0.81
15
V
Note:
4. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com