Electronic Components Datasheet Search
  English  ▼

X  

AP5101 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP5101
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP5101 Datasheet HTML 6Page - Diodes Incorporated AP5101 Datasheet HTML 7Page - Diodes Incorporated AP5101 Datasheet HTML 8Page - Diodes Incorporated AP5101 Datasheet HTML 9Page - Diodes Incorporated AP5101 Datasheet HTML 10Page - Diodes Incorporated AP5101 Datasheet HTML 11Page - Diodes Incorporated AP5101 Datasheet HTML 12Page - Diodes Incorporated AP5101 Datasheet HTML 13Page - Diodes Incorporated AP5101 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
10 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Applications Information (Continued)
The goal of compensation design is to shape the converter transfer function to get a desired loop gain. The system crossover
frequency where the feedback loop has the unity gain is crucial.
A rule of thumb is to set the crossover frequency to below one-tenth of the switching frequency. Use the following procedure to
optimize the compensation components:
1. Choose the compensation resistor (R3) to set the desired crossover frequency. Determine the R3 value by the following
equation:
FB
V
OUT
V
CS
G
EA
G
fs
1
.
0
2
C
2
FB
V
OUT
V
CS
G
EA
G
fc
2
C
2
3
R
×
×
×
×
×
π
<
×
×
×
×
π
=
Where fC is the crossover frequency, which is typically less than one-tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve the desired phase margin. Set the compensation zero, fZ1, to below
one-fourth of the crossover frequency to provide sufficient phase margin. Determine the C3 value by the following equation:
fc
3
R
2
3
C
×
×
π
>
Where R3 is the compensation resistor value.
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be
used to calculate the inductor value;
SW
f
L
ΔI
IN
V
)
OUT
V
IN
(V
OUT
V
L
×
×
−
×
=
Where
L
ΔI is the inductor ripple current.
And
fsw is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the maximum load current. The maximum inductor peak current is calculated
from:
2
L
ΔI
LOAD
I
L(MAX)
I
+
=
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the
inductor decreases the converter efficiency while increasing the temperatures of the inductor, the MOSFET and the diode.
Hence choosing an inductor with appropriate saturation current rating is important.
A 1µH to 10µH inductor with a DC current rating of at least 25% percent higher than the maximum load current is
recommended for most applications.
For highest efficiency, the inductor’s DC resistance should be less than 200m
Ω. Use a larger inductance for improved
efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com