Electronic Components Datasheet Search
  English  ▼

X  

AP8802H Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP8802H
Description  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802H Datasheet(HTML) 5 Page - Diodes Incorporated

  AP8802H Datasheet HTML 1Page - Diodes Incorporated AP8802H Datasheet HTML 2Page - Diodes Incorporated AP8802H Datasheet HTML 3Page - Diodes Incorporated AP8802H Datasheet HTML 4Page - Diodes Incorporated AP8802H Datasheet HTML 5Page - Diodes Incorporated AP8802H Datasheet HTML 6Page - Diodes Incorporated AP8802H Datasheet HTML 7Page - Diodes Incorporated AP8802H Datasheet HTML 8Page - Diodes Incorporated AP8802H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
5 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Applications Information
LED Current Control
The LED current is controlled by the resistor RSET in Figure 1 connected between VIN and SET. The nominal
average output current in the LED(s) is defined as:
SET
R
THD
V
LED
I
=
If the CTRL pin is driven by an external voltage (lower than 2.5V), the average LED current is:
SET
R
THD
V
REF
V
CTRL
V
LED
I
=
LED current Versus RSET and VCTRL
0.2
0.33
0.39
0.47
0.56
0.39
0.47
0.56
0.68
0.82
1
3
0.2
0.33
0.47
0.68 0.82
1
1.2
1.5
2
3
1.2
1.5
2
3
1
0.82
0.68
2
1.5
1.2
0
200
400
600
800
1000
1200
0
0.15 0.3 0.45 0.6 0.75 0.9 1.05 1.2 1.35 1.5 1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
RSET value [Ohms]
LED current @
VCTRL = 1.25V
LED current @
VCTRL = 2.5V
LED current @
VCTRL = 0.625V
Figure 3: LED Current setting Vs RSET and VCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com