Electronic Components Datasheet Search
  English  ▼

X  

AP8802H Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP8802H
Description  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802H Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP8802H Datasheet HTML 2Page - Diodes Incorporated AP8802H Datasheet HTML 3Page - Diodes Incorporated AP8802H Datasheet HTML 4Page - Diodes Incorporated AP8802H Datasheet HTML 5Page - Diodes Incorporated AP8802H Datasheet HTML 6Page - Diodes Incorporated AP8802H Datasheet HTML 7Page - Diodes Incorporated AP8802H Datasheet HTML 8Page - Diodes Incorporated AP8802H Datasheet HTML 9Page - Diodes Incorporated AP8802H Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
6 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Applications Information (Continued)
Inductor Selection
This section highlights how to select the inductor suitable for the application requirements in terms of switching
frequency, LED current accuracy and temperature.
Switching Frequency @ILED = 700mA
47
68
100
150
220
470
47
68
100
150
220
470
68
100
150
220
470
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
Inductor Value [uH]
12V - 3 LEDs
24V - 5 LEDs
48V - 10 LEDs
Figure 4: Switching Frequency Vs Inductor Value
The inductor influences the LED current accuracy that the system is able to provide. The following section
highlights how to select the inductor in relation to the device packages and the LED current, while maintaining the
chip temperature below 70˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com