Electronic Components Datasheet Search
  English  ▼

X  

AP8802H Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP8802H
Description  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802H Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP8802H Datasheet HTML 3Page - Diodes Incorporated AP8802H Datasheet HTML 4Page - Diodes Incorporated AP8802H Datasheet HTML 5Page - Diodes Incorporated AP8802H Datasheet HTML 6Page - Diodes Incorporated AP8802H Datasheet HTML 7Page - Diodes Incorporated AP8802H Datasheet HTML 8Page - Diodes Incorporated AP8802H Datasheet HTML 9Page - Diodes Incorporated AP8802H Datasheet HTML 10Page - Diodes Incorporated AP8802H Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
9 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AP8802H SP - 13
Package
SP : SO-8-EP
Packing
13 : Tape & Reel
Device
Package
Code
Packaging
(Note 5)
13” Tape and Reel
Quantity
Part Number Suffix
AP8802HSP-13
SP
SO-8-EP
2500/Tape & Reel
-13
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SO-8-EP
( Top View )
AP8802H
YY WW X X
Logo
Part No.
5
8
4
1
E
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
A~Z : Internal code
X : Internal Code
represents 52 and 53 week
SO-8-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com